Electronic Components Datasheet Search
  English  ▼

X  

TDA5632M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA5632M
Description  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5632M Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA5632M Datasheet HTML 1Page - NXP Semiconductors TDA5632M Datasheet HTML 2Page - NXP Semiconductors TDA5632M Datasheet HTML 3Page - NXP Semiconductors TDA5632M Datasheet HTML 4Page - NXP Semiconductors TDA5632M Datasheet HTML 5Page - NXP Semiconductors TDA5632M Datasheet HTML 6Page - NXP Semiconductors TDA5632M Datasheet HTML 7Page - NXP Semiconductors TDA5632M Datasheet HTML 8Page - NXP Semiconductors TDA5632M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1996 Aug 16
3
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for TV
and VCR cable tuners
TDA5632; TDA5633
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA5632T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
TDA5632M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
TDA5633T
SO20
plastic small outline package; 20 leads; body width 7.5 mm
SOT163-1
TDA5633M
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
Fig.1 Block diagram.
The pin numbers in parenthesis represent the TDA5633.
handbook, full pagewidth
MBE269
BAND C
OSCILLATOR
4 (17) 5 (16) 6 (15) 7 (14)
COSCIB1
COSCIB2
BS
IFOUT
COSCOC1
COSCOC2
BAND A
OSCILLATOR
1 (20)
3 (18)
AOSCIB
AOSCOC
2 (19)
GND
band A oscillator
tuned circuit
band C oscillator
tuned circuit
MIXER
MIXER
BAND A
STAGE
BAND C
STAGE
LOCAL
OSCILLATOR
AMPLIFIER
ELECTRONIC
BANDSWITCH
8 (13)
n.c.
9 (12)
band switch
input
DC
STABILIZER
IF
AMPLIFIER
10 (11)
IF output
15 (6)
14 (7)
13 (8)
12 (9)
11 (10)
18 (3)
17 (4)
16 (5)
band C input
20 (1)
19 (2)
LOOUT2 LOOUT1
VP
IFIN2
IFIN1
CIN2
CIN1
RFGND
AIN2
AIN1
band A input
local oscillator
amplifier outputs
IF inputs
TDA5632
TDA5633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com