Electronic Components Datasheet Search
  English  ▼

X  

TDA5637 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA5637
Description  9 V VHF, hyperband and UHF mixers- oscillators for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA5637 Datasheet HTML 14Page - NXP Semiconductors TDA5637 Datasheet HTML 15Page - NXP Semiconductors TDA5637 Datasheet HTML 16Page - NXP Semiconductors TDA5637 Datasheet HTML 17Page - NXP Semiconductors TDA5637 Datasheet HTML 18Page - NXP Semiconductors TDA5637 Datasheet HTML 19Page - NXP Semiconductors TDA5637 Datasheet HTML 20Page - NXP Semiconductors TDA5637 Datasheet HTML 21Page - NXP Semiconductors TDA5637 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1996 Jun 10
18
Philips Semiconductors
Product specification
9 V VHF, hyperband and UHF mixers-
oscillators for TV and VCR 3-band tuners
TDA5636; TDA5637
APPLICATION INFORMATION
Fig.17 Measurement circuit.
The numbers in parenthesis represent the TDA5637.
handbook, full pagewidth
MBH477
BAND A
OSCILLATOR
BAND C
OSCILLATOR
BAND B
OSCILLATOR
MIXER
MIXER
MIXER
BAND A
STAGE
BAND C
STAGE
BAND B
STAGE
(22)
3
(23)
2
(24)
1
(20)
5
(21)
4
(19)
6
DC
STABILIZER
(18)
7
LOCAL
OSCILLATOR
AMPLIFIER
(17)
8
(16)
9
(15)
10
(14)
11
(13)
12
ELECTRONIC
BAND SWITCH
IF
AMPLIFIER
15
(10)
14
(11)
13
(12)
17
(8)
16
(9)
19
(6)
18
(7)
20
(5)
21
(4)
22
(3)
23
(2)
24
(1)
TDA5636
TDA5637
C27
C26
C25
C24
C23
HYBRID
ANZAC-183-4
50
Ω
50
Ω
50
Ω
R13
9 V
L5
HYBRID
ANZAC-183-4
50
Ω
50
Ω
C19
C18
C21
C22
C20
R12
output
spectrum
analyzer
C1
C5
C2
C6
C7
C12
C8
C13
C14
L4
D3
R8
R4
C9
L2
L3
D3
C10
R6
C11
R7
C15
C4
R3
C29
C28
R14
V l
C3
L1
D1
R2
R5
K
C16
R9
R10
5 V
C
BA
K only open for switch
current measurement
50
Ω
spectrum
analyzer
R11
C17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com