Electronic Components Datasheet Search
  English  ▼

X  

TDA5637B Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA5637B
Description  9 V VHF hyperband and UHF mixer/oscillator for TV and VCR 3-band tuners
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5637B Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA5637B Datasheet HTML 18Page - NXP Semiconductors TDA5637B Datasheet HTML 19Page - NXP Semiconductors TDA5637B Datasheet HTML 20Page - NXP Semiconductors TDA5637B Datasheet HTML 21Page - NXP Semiconductors TDA5637B Datasheet HTML 22Page - NXP Semiconductors TDA5637B Datasheet HTML 23Page - NXP Semiconductors TDA5637B Datasheet HTML 24Page - NXP Semiconductors TDA5637B Datasheet HTML 25Page - NXP Semiconductors TDA5637B Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
1996 Dec 02
22
Philips Semiconductors
Product specification
9 V VHF hyperband and UHF mixer/oscillator
for TV and VCR 3-band tuners
TDA5636B; TDA5637B
Notes
1. The pin numbers in parenthesis represent the TDA5637B.
2. Average DC voltage measured in circuit of Fig.17.
COSCIB1
18
7
1.4
1.4
2.3
COSCOC1 20
5
5.8
5.8
4.2
COSCOC2 21
4
5.8
5.8
4.2
COSCIB2
23
2
1.4
1.4
2.3
AOSCOC
22
3
3.8
5.8
5.8
AOSCIB
24
1
2.1
1.0
1.0
SYMBOL
PIN
DESCRIPTION(1)
AVERAGE DC VOLTAGE(2) IN (V)
TDA5636B TDA5637B
BAND A
BAND B
BAND C
23
MLD112
20
18
21
(5)
(4)
(7)
(2)
24
MLD111
22
(1)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com