Electronic Components Datasheet Search
  English  ▼

X  

TDA5633M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA5633M
Description  9 V VHF and UHF mixers/oscillators for TV and VCR cable tuners
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5633M Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA5633M Datasheet HTML 1Page - NXP Semiconductors TDA5633M Datasheet HTML 2Page - NXP Semiconductors TDA5633M Datasheet HTML 3Page - NXP Semiconductors TDA5633M Datasheet HTML 4Page - NXP Semiconductors TDA5633M Datasheet HTML 5Page - NXP Semiconductors TDA5633M Datasheet HTML 6Page - NXP Semiconductors TDA5633M Datasheet HTML 7Page - NXP Semiconductors TDA5633M Datasheet HTML 8Page - NXP Semiconductors TDA5633M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Aug 16
2
Philips Semiconductors
Product specification
9 V VHF and UHF mixers/oscillators for
TV and VCR cable tuners
TDA5632; TDA5633
FEATURES
• Balanced mixer with a common emitter input for band A
• 2-pin oscillator for band A
• Balanced mixer with a common base input for band C
• 4-pin oscillator for band C
• Local oscillator buffer output for external prescaler
• SAW filter preamplifier with a low output impedance to
drive a 75
Ω load
• Band gap voltage stabilizer for oscillator stability
• Electronic band switch
• External IF filter connected between the mixer output
and the IF amplifier input.
APPLICATIONS
• Cable tuners for TV and VTR; switched concept for VHF
• Recommended RF bands for Europe:
48.25 to 105.25 MHz, 112.25 to 294.25 MHz and
471.25 to 855.25 MHz
• Recommended RF bands for the USA:
55.25 to 133.25 MHz, 139.25 to 361.25 MHz and
367.25 to 801.25 MHz.
DESCRIPTION
The TDA5632 and TDA5633 are monolithic integrated
circuits that perform VHF and UHF mixer/oscillator
functions in TV and VCR cable tuners. With correct
oscillator application and by using a switchable inductor to
split the VHF band into two sub-bands, the full VHF/UHF
TV bands can be covered. These low-power
mixers/oscillators require a power supply of 9 V and are
available in a very small package.
The devices provide the designer with the capability to
design an economical and physically small cable tuner.
The tuner development time can be drastically reduced by
using this device.
Frequency bands are determined by the external tank
circuit. They can be adapted to various standards.
QUICK REFERENCE DATA
Note
1. The limits are related to the tank circuits used in Fig.10 and the intermediate frequency. Frequency bands may be
adjusted by the choice of external components. Another UHF frequency range is available by modifying the tank
circuit. The modification enables the following frequency range:
a) RF frequencies from 361.25 to 801.25 MHz (picture carrier).
b) Oscillator frequencies from 407 to 847 MHz. For this UHF range, L4 = 3 turns (diameter = 3.5 mm).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
−
9.0
−
V
IP
supply current
−
40
−
mA
fRF
frequency range (picture carrier)
RF input; band A; note 1
57.5
−
357.5
MHz
RF input; band C; note 1
469.5
−
887.5
MHz
Gv
voltage gain
band A (75
Ω load)
−
19
−
dB
band C (75
Ω load)
−
30
−
dB
NF
noise figure
band A (75
Ω load)
−
10
−
dB
band C (75
Ω load)
−
9.5
−
dB
Vo
output voltage to obtain 1% cross
modulation in channel
band A (75
Ω load)
−
110
−
dB
µV
band C (75
Ω load)
−
110
−
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com