Electronic Components Datasheet Search
  English  ▼

X  

D4BS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D4BS
Description  Safety-door Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4BS Datasheet(HTML) 2 Page - Omron Electronics LLC

  D4BS Datasheet HTML 1Page - Omron Electronics LLC D4BS Datasheet HTML 2Page - Omron Electronics LLC D4BS Datasheet HTML 3Page - Omron Electronics LLC D4BS Datasheet HTML 4Page - Omron Electronics LLC D4BS Datasheet HTML 5Page - Omron Electronics LLC D4BS Datasheet HTML 6Page - Omron Electronics LLC D4BS Datasheet HTML 7Page - Omron Electronics LLC D4BS Datasheet HTML 8Page - Omron Electronics LLC D4BS Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
D-105
D4BS
Operation Keys (Order Separately)
Specifications
Approved Standards
Standards and EC Directives
Conforms to the following EC Directives:
Machinery Directive
Low Voltage Directive
EN50041
EN1088
Approved Standard Ratings
TÜV (EN60947-5-1)
Note: Use a 10-A fuse type a gI or gG that conforms to IEC269 as a short-circuit protection device.
UL/CSA (UL508, CSA C22.2 No. 14)
A600
Type
Model
D4BS-K1
D4BS-K2
D4BS-K3
Horizontal mounting
Vertical mounting
Adjustable mounting
(Horizontal)
Agency
Standard
File No.
TÜV Rheinland
EN60947-5-1
UL
UL508
E76675
CSA
CSA C22.2 No. 14
LR45746
BIA
GS-ET-15
9303323
SUVA
SUVA
E6187.d
R9351022
(Direct open-
ing: approved)
Utilization category
AC-15
Rated operating current (Ie)
2 A
Rated operating voltage (Ue)
400 V
Rated voltage
Carry current
Current
Volt-amperes
Make
Break
Make
Break
120 VAC
10 A
60 A
6 A
7,200 VA
720 VA
240 VAC
30 A
3 A
480 VAC
15 A
1.5 A
600 VAC
12 A
1.2 A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com