Electronic Components Datasheet Search
  English  ▼

X  

UM9995 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UM9995
Description  ULTRA LOW MAGNETIC MRI SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UM9995 Datasheet(HTML) 2 Page - Microsemi Corporation

  UM9995 Datasheet HTML 1Page - Microsemi Corporation UM9995 Datasheet HTML 2Page - Microsemi Corporation UM9995 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Microsemi
Page 2
Copyright
 2004
Rev. 0, 2004-10-15
UM9995
ULTRA LOW MAGNETIC MRI SWITCHING
DIODES
Note: 1 Short duration test pulse used to minimize self – heating effect.
ELECTRICAL PARAMETERS @25ºC (unless otherwise specified)
Ρo
θt
Flange at 25ºC
7.5 W
20ºC/W
Free Air
1.5 W
-
Peak Power (1 µs @ 25ºC)
10 kW
Storage Temperature
Operating Temperature
-65 to +150ºC
-65 to +150ºC
ELECTRICAL PARAMETERS @ 25
°C (unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ.
Max
Units
Series Resistance
Rs
I = 100 mA
F = 100 MHz
-
0.4
0.6
Ω
Total Capacitance
Ct
V = 100V
F = 1MHz
-
-
1.2
pF
Parallel Resistance
Rp
V = 100 V
F = 100 MHz
100
-
-
kΩ
Forward Voltage (Note 1)
Vf
IF = 100 mA ,
-
0.85
-
V
Carrier Lifetime
τ
If = 10 mA
2.0
µs
I-Region Width
W
80
µm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com