Electronic Components Datasheet Search
  English  ▼

X  

UPDS1045 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # UPDS1045
Description  10 Amp Schottky Barrier Rectifier PowerDI??5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPDS1045 Datasheet(HTML) 2 Page - Microsemi Corporation

  UPDS1045 Datasheet HTML 1Page - Microsemi Corporation UPDS1045 Datasheet HTML 2Page - Microsemi Corporation UPDS1045 Datasheet HTML 3Page - Microsemi Corporation UPDS1045 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10 Amp Schottky Barrier Rectifier
PowerDI
™ 5
S C O T TS DALE DIVISION
UPDS1045
ELECTRICAL CHARACTERISTICS @ 25oC unless specified otherwise
Working
Peak
Reverse
Voltage
Maximum
RMS
Voltage
Minimum
Reverse
Breakdown
Voltage
(Note 1)
Maximum Forward
Voltage
(Note 3)
Maximum
Reverse Current
(Note 1 & 2)
Maximum
Reverse Current
IR
(Note 1 & 2)
100
oC 125oC
VRWM
VR(RMS)
VBR @ 1.0 mA
VF @ 5A
VF @ 10A
IR @
35 V
IR @
45 V
IR @
35 V
IR @
45 V
Part
Number
Volts
Volts
Volts
Volts
Volts
mA
mA
mA
mA
UPDS1045
45
32
45
0.45
0.51
0.3
0.6
25
150
NOTE 1: Short duration test pulse used to minimize self-heating effect.
NOTE 2: See Figures 2 & 3 for typical values at other voltages and temperatures.
NOTE 3: See Figure 1 for typical values at various temperatures
GRAPHS
Microsemi
Scottsdale Division
Page 2
Copyright
© 2005
8-18-2005 REV 0
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com