Electronic Components Datasheet Search
  English  ▼

X  

UTV005 Datasheet(PDF) 3 Page - GHz Technology

Part # UTV005
Description  COMMON EMITTER transistor 0.5 Watt, 20 Volts, Class A UHF Television - Band IV & V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

UTV005 Datasheet(HTML) 3 Page - GHz Technology

  UTV005 Datasheet HTML 1Page - GHz Technology UTV005 Datasheet HTML 2Page - GHz Technology UTV005 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTV005
BIAS CIRCUIT
Vcc
CR1
R2
Vbe
Q1
L1=.435" X .150"
L2=.435" X 1.1480"
L3=.270" X .300"
L4=.300" X .310"
L5=1.525" X .150"
L6=.365" X .150"
L7=.4 mH Molded Inc.
L8=4T, .91" 1D 24 AWG.
C1=8.2 pF ATC
C2,C3=.8-8 pF adj
C4=6.2 pF ATC
C5=.6-6pF adj
C6=1pF ATC
C7=22pF ATC
C8,C13=220 pF ATC
C9,C12=390 pF ATC
C10,C14=1 mF Tantalum
C11,C15=10 MF, 50V Electro
RL1,RL2=5 turns #2 gauge wire
on a 0.125" toroid in parallel
with a 1W, 15 OHM resistor.
C1=100 MF, 50 V Electrolytic
R1=500 OHM Pot
R2=4.7 KOHM, 1/4 W
R3= 47 OHM 1/4 W
R4=1 OHM, 3 Watt, 1%
CR1=IN4148
Q1=MJE172
Vbe
C11
C10
RL1
C9
C8
L7
L1
C1
L2
C2
C3
C4
L3
L4
C12
C13
L8
RL2
L5
C5
C6
C7
C14
C15
Vce
L6
C1
R1
R3
Vcc
R4
August 1996



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com