Electronic Components Datasheet Search
  English  ▼

X  

HM79 Datasheet(PDF) 2 Page - Bi technologies

Part # HM79
Description  Low Cost Medium Power Surface Mount Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM79 Datasheet(HTML) 2 Page - Bi technologies

  HM79 Datasheet HTML 1Page - Bi technologies HM79 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2007/08 EDITION
We reserve the right to change specifications without prior notice.
90
HM79-60270LF
27
0.11
1.76
HM79-60330LF
33
0.12
1.50
HM79-60390LF
39
0.14
1.37
HM79-60470LF
47
0.17
1.28
HM79-60560LF
56
0.19
1.17
HM79-60680LF
68
0.22
1.11
HM79-60820LF
82
0.25
1.00
HM79-60101LF
100
0.35
0.97

120
0.40
0.89
HM79-60151LF
150
0.47
0.78
HM79-60181LF
180
0.63
0.72
HM79-60221LF
220
0.73
0.66
HM79-60271LF
270
0.97
0.57
HM79-60331LF
330
1.15
0.52
HM79-60391LF
390
1.30
0.48
HM79-60471LF
470
1.48
0.42
HM79-60561LF
560
1.90
0.33
HM79-60681LF
680
2.25
0.28
HM79-60821LF
820
2.55
0.24
HM79-50470LF
47
0.170
1.10
HM79-50560LF
56
0.199
1.01
HM79-50680LF
68
0.223
0.91
HM79-50820LF
82
0.252
0.85
HM79-50101LF
100
0.344
0.74
HM79-50121LF
120
0.396
0.69
HM79-50151LF
150
0.544
0.61
HM79-50181LF
180
0.621
0.56
HM79-50221LF
220
0.721
0.53
HM79-50271LF
270
0.949
0.45
HM79-50331LF
330
1.100
0.42
HM79-50391LF
390
1.245
0.38
HM79-50471LF
470
1.526
0.35
HM79-50561LF
560
1.904
0.32
HM79-60100LF
10
0.06
2.60
HM79-60120LF
12
0.07
2.45
HM79-60150LF
15
0.08
2.27

18
0.09
2.15
HM79-60220LF
22
0.10
1.95
Specifications @ 25°C (Cont’d)
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1)
Ω Max
Amps
DC
Rated
Part
Inductance
Resistance
Current (2)
Number
µH ± 20% (1)
Ω Max
Amps
Notes:
(1) Test Conditions for case sizes 10, 20, 45 & 46 = 100kHz, 0.1 Vrms without DC current
Inductance for case sizes 30, 40, 50 & 60 is measured at 1kHz without DC current
(2) Rated DC current is the approximate current at which inductance will be decreased by 10% from its initial (zero DC) value or the DC
current at which
∆T = 40°C, whichever is lower.
Outline Dimensions (Inch/mm) / Packaging
Ordering Information
Inductance Code:
First 2 digits are significant. Last digit denotes the
number of trailing zeros. For values below 10µH,
‘R’ denotes the decimal point
Model Series
Case Size:
10, 20, 30, 40,
45, 46, 50, 60
TR - Tape & Reel Packing
13 - 13” reel
Lead-Free
Top View
Side View
Bottom View
Recommended Solder Pad Layout
HM79
30
101
LF
TR13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com