Electronic Components Datasheet Search
  English  ▼

X  

TDA6101 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA6101
Description  Video output amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6101 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA6101 Datasheet HTML 4Page - NXP Semiconductors TDA6101 Datasheet HTML 5Page - NXP Semiconductors TDA6101 Datasheet HTML 6Page - NXP Semiconductors TDA6101 Datasheet HTML 7Page - NXP Semiconductors TDA6101 Datasheet HTML 8Page - NXP Semiconductors TDA6101 Datasheet HTML 9Page - NXP Semiconductors TDA6101 Datasheet HTML 10Page - NXP Semiconductors TDA6101 Datasheet HTML 11Page - NXP Semiconductors TDA6101 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1995 Feb 07
8
Philips Semiconductors
Preliminary specification
Video output amplifier
TDA6101Q
Cpar = 150 fF.
Fig.3 Test circuit with feedback factor 1
⁄83.
handbook, full pagewidth
C3
2.7 pF
R9
820
Ω
C2
22
µF
C1
22 nF
C4
10
µF
C7 10
µF
C5
22 nF
C6
100 nF
12 V
200 V
3
926
1
458
7
TDA6101Q
R1
50
Ω
C10
100 nF
C9
136 pF
R3
20 M
Ω
C7
3.2 pF
C8
6.8 pF
R2
1 M
Ω
1.4 mA
5 V
om
V
probe
V
i
n
C
560 pF
MCD357
A
R10
68.1 k
Ω
C par
6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com