Electronic Components Datasheet Search
  English  ▼

X  

TDA6103 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA6103
Description  Triple video output amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6103 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA6103 Datasheet HTML 1Page - NXP Semiconductors TDA6103 Datasheet HTML 2Page - NXP Semiconductors TDA6103 Datasheet HTML 3Page - NXP Semiconductors TDA6103 Datasheet HTML 4Page - NXP Semiconductors TDA6103 Datasheet HTML 5Page - NXP Semiconductors TDA6103 Datasheet HTML 6Page - NXP Semiconductors TDA6103 Datasheet HTML 7Page - NXP Semiconductors TDA6103 Datasheet HTML 8Page - NXP Semiconductors TDA6103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
March 1994
4
Philips Semiconductors
Preliminary specification
Triple video output amplifier
TDA6103Q
THERMAL RESISTANCE
Note
1. An external heatsink is necessary.
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-fin
from junction to fin; note 1
11 K/W
Rth h-a
from heatsink to ambient
18 K/W
Fig.3 Power derating curves.
(1) Infinite heatsink.
(2) No heatsink.
0
50
100
–50
2
0
MGA972
150
Ptot
(W)
4
6
T
( C)
o
amb
(1)
(2)
1
3
5
Thermal protection
The internal thermal protection circuit gives a decrease of
the slew rate at high temperatures: 10% decrease at
130
°C and 30% decrease at 145 °C (typical values on the
spot of the thermal protection circuit).
Fig.4 Equivalent thermal resistance network.
Thermal protection circuit
5 K/W
6 K/W
OUTPUTS
FIN
MGA970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com