Electronic Components Datasheet Search
  English  ▼

X  

FNK3404 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FNK3404
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FNK3404 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FNK3404 Datasheet HTML 1Page - List of Unclassifed Manufacturers FNK3404 Datasheet HTML 2Page - List of Unclassifed Manufacturers FNK3404 Datasheet HTML 3Page - List of Unclassifed Manufacturers FNK3404 Datasheet HTML 4Page - List of Unclassifed Manufacturers FNK3404 Datasheet HTML 5Page - List of Unclassifed Manufacturers FNK3404 Datasheet HTML 6Page - List of Unclassifed Manufacturers FNK3404 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250 A
1.2
1.6
2.4
V
VGS=10V, ID=5A
-
25.5
31
m
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=4A
-
34
43
m
Forward Transconductance
gFS
VDS=5V,ID=5A
-
15
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
255
-
PF
Output Capacitance
Coss
-
45
-
PF
Reverse Transfer Capacitance
Crss
VDS=15V,VGS=0V,
F=1.0MHz
-
35
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
4.5
-
nS
Turn-on Rise Time
tr
-
2.5
-
nS
Turn-Off Delay Time
td(off)
-
14.5
-
nS
Turn-Off Fall Time
tf
VDD=15V, RL=3
VGS=10V,RGEN=3
-
3.5
-
nS
Total Gate Charge
Qg
-
5.2
-
nC
Gate-Source Charge
Qgs
-
0.85
-
nC
Gate-Drain Charge
Qgd
VDS=15V,ID=5A,
VGS=10V
-
1.3
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=5A
-
-
1.2
V
Diode Forward Current (Note 2)
IS
-
-
5
A
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t
10 sec.
3. Pulse Test: Pulse Width
300 s, Duty Cycle
2%.
4. Guaranteed by design, not subject to production
FNK3404
FNK-Semiconductor
2/7
Feb.2017.Rev.1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com