Electronic Components Datasheet Search
  English  ▼

X  

MYG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MYG
Description  Low leakage current,Excellent voltage ratio
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MYG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MYG Datasheet HTML 1Page - List of Unclassifed Manufacturers MYG Datasheet HTML 2Page - List of Unclassifed Manufacturers MYG Datasheet HTML 3Page - List of Unclassifed Manufacturers MYG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MYG Varistors Data Sheet
Features
Low leakage current,Excellent voltage ratio.
Fast respond to the rapidly rising surge voltage.
High performance in clamping voltage characteristics.
High performance in surge current withstanding capability.
Applications
Transistor, diode, IC, Thyristor, and triac semiconductor protection.
Surge protection in consumer electronics.
Surge protection in industrial electronics.
Surge protection in communication, measuring, and controller electronics.
Surge protection in home electronic appliances and gas/petroleum appliances.
Part Number Code
MYG
XX
K
XXX
Products Type
Part Diameter
Voltage Tolerance
Varistors Voltage
05= 5mm
07= 7mm
10=10mm
14=14mm
20=20mm
K:r10%
Dimensions (mm)
Case Size
D max
H max
T max
dr0.05
Wr0.05
MYG-05K180~680
4.5
MYG-05K820~471
7.5
11.0
7.0
MYG-07K180~680
5.3
MYG-07K820~471
9.5
13.0
7.0
0.6
5.0
MYG-10K180~680
5.3
MYG-10K820~471
14.0
18.5
9.5
MYG-14K180~681
5.5
MYG-14K820~132
17.5
23.5
14.0
0.8
7.5
MYG-20K180~680
5.8
MYG-20K820~182
24.0
30.0
14.0
1.0
10.0
d
D
W
H(Max)
T
Guide to Standard Products ( 5mm) The clamping voltage from 180K to 680K is tested with current 1A.
Spec.
Varistor Voltage
V1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
Withstanding
Surge
Current(8/20us)
Rated
Wattage
Energy
10/1000us
Typical
Capacitance
Part No.
(V)
Tolerance
Min-max
ACrms
(V)
DC
(V)
V5A
(V)max
1Time
(A)
2Times
(A)
(W)
(J)
1KHz
(PF)
MYG-05K180
18
(16-20)
11
14
40
100
50
0.01
0.6
2,400
MYG-05K220
22
(20-24)
14
18
48
100
50
0.01
0.7
1,800
MYG-05K270
27
(24-30)
17
22
60
100
50
0.01
0.9
1,500
MYG-05K330
33
(30-36)
20
26
73
100
50
0.01
1.1
1,200
MYG-05K390
39
(35-43)
25
31
86
100
50
0.01
1.2
1,000
MYG-05K470
47
(42-52)
30
38
104
100
50
0.01
1.5
850
MYG-05K560
56
(50-62)
35
45
123
100
50
0.01
1.8
700
MYG-05K680
68
(61-75)
40
56
150
100
50
0.01
2.1
560
MYG-05K820
82
(74-90)
50
65
145
400
200
0.1
2.8
480
MYG-05K101 100
(90-110)
60
85
175
400
200
0.1
3.5
420
MYG-05K121 120
(108-132)
75
100
210
400
200
0.1
4.0
360
MYG-05K151 150
(135-165)
95
125
260
400
200
0.1
5.5
280
MYG-05K181 180
(162-198)
115
150
320
400
200
0.1
6.5
200
MYG-05K201 200
(185-225)
130
170
355
400
200
0.1
7.1
160
MYG-05K221 220
(198-242)
140
180
380
400
200
0.1
7.8
100
MYG-05K241 240
(216-264)
150
200
415
400
200
0.1
8.4
80
MYG-05K271 270
(247-303)
175
225
475
400
200
0.1
9.9
75
MYG-05K301 300
(270-330)
195
250
525
400
200
0.1
10.5
66
MYG-05K331 330
(297-363)
210
275
575
400
200
0.1
11.5
60
MYG-05K361 360
(324-396)
230
300
620
400
200
0.1
13.0
55
MYG-05K391 390
(351-429)
250
320
675
400
200
0.1
15.0
53
MYG-05K431 430
(387-473)
275
350
745
400
200
0.1
16.5
50
MYG-05K471 470
(423-517)
300
385
810
400
200
0.1
17.5
45
1


Similar Part No. - MYG

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
MYG14K471 VATRONICS-MYG14K471 Datasheet
108Kb / 3P
MYG GENERAL PURPOSE VARISTORS
logo
Micro Electronics
MYGB51W MICRO-ELECTRONICS-MYGB51W Datasheet
49Kb / 1P
YELLOW/GREEN DUAL COLOR LAMP
MYGB64T MICRO-ELECTRONICS-MYGB64T Datasheet
44Kb / 1P
YELLOW/GREEN LAMP
MYGB64W MICRO-ELECTRONICS-MYGB64W Datasheet
48Kb / 1P
YELLOW/GREEN DUAL COLOR LAMP
logo
Murata Power Solutions ...
MYGTM01210BZN MURATA-PS-MYGTM01210BZN Datasheet
423Kb / 17P
DC-DC Converter Application Manual
More results

Similar Description - MYG

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DL4001 DEC-DL4001 Datasheet
947Kb / 2P
Low leakage current
logo
Inchange Semiconductor ...
20N50 ISC-20N50 Datasheet
146Kb / 2P
Low leakage current
logo
Nanjing International G...
BAV170 DGNJDZ-BAV170 Datasheet
869Kb / 1P
Low Leakage Current
logo
American Microsemicondu...
1N34A AMMSEMI-1N34A Datasheet
179Kb / 1P
Low Leakage Current
logo
TE Connectivity Ltd
EBP TEC-EBP Datasheet
177Kb / 3P
Low leakage current
logo
TT Electronics.
QDN006 TTELEC-QDN006 Datasheet
308Kb / 3P
Low leakage current
logo
Vishay Siliconix
VS-ETL1506-M3 VISHAY-VS-ETL1506-M3 Datasheet
218Kb / 9P
Low leakage current
08-Jul-15
VS-ETU1506-M3 VISHAY-VS-ETU1506-M3 Datasheet
183Kb / 8P
Low leakage current
08-Jul-15
logo
STMicroelectronics
STTH2R06-Y STMICROELECTRONICS-STTH2R06-Y Datasheet
232Kb / 8P
Low leakage current
04-Aug-2014
logo
Cornell Dubilier Electr...
HZC CDE-HZC Datasheet
825Kb / 8P
Low Leakage Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com