Electronic Components Datasheet Search
  English  ▼

X  

SSR50LA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSR50LA
Description  Solid State Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSR50LA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSR50LA Datasheet HTML 1Page - List of Unclassifed Manufacturers SSR50LA Datasheet HTML 2Page - List of Unclassifed Manufacturers SSR50LA Datasheet HTML 3Page - List of Unclassifed Manufacturers SSR50LA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Operation
Connection Diagram
Dimensions
High Voltage
Low Voltage
24-380 VAC
Part Number
Price
Rated Current
Fuse Rating
Load Current
Input Voltage
Output Voltage
SSR-F-10 DA-H
R 288.00
10A
6A
4A
4-32 VCD
90-480 VAC
SSR-F-25 DA-H
R 315.00
25A
16A
10A
4-32 VCD
90-480 VAC
SSR-F-40 DA-H
R 350.00
40A
25A
16A
4-32 VCD
90-480 VAC
Part Number
Price
Rated Current
Fuse Rating
Load Current
Input Voltage
Output Voltage
SSR-F-10 DA
R 280.00
10A
6A
4A
4-32 VCD
24-380 VAC
SSR-F-25 DA
R 280.00
25A
16A
10A
4-32 VCD
24-380 VAC
SSR-F-40 DA
R 315.00
40A
25A
16A
4-32 VCD
24-380 VAC
Part Number
Price
Max. Current
One cycle duration max
Input Voltage
Trigger Current
Output Voltage
SSR 10 DA
R 176.00
10A
135A
3-32 VCD
7.5mA/12V
24-380 VAC
SSR 25 DA
R 200.00
25A
275A
3-32 VCD
7.5mA/12V
24-380 VAC
SSR 40 DA
R 232.00
40A
410A
2-32 VCD
7.5mA/12V
24-380 VAC
SSR 50 DA
R 271.00
50A
550A
3-32 VCD
7.5mA/12V
24-380 VAC
SSR 75 DA
R 325.00
75A
820A
3-32 VCD
7.5mA/12V
24-380 VAC
Connection Diagram
Dimensions
DC IN--AC OUT
Operation
DC IN--AC OUT
BUILT IN FUSE
with
Solid State Relay
Semiconductor fuse inside. High compact structure with zero cross control and low trigger current.
DC input between 3-32 VDC will switch output on. See page 13 for accessories.
Switch Technique KZN, March 2012
68
Prices Exclude VAT, E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com