Electronic Components Datasheet Search
  English  ▼

X  

ACH Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACH
Description  CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACH Datasheet(HTML) 1 Page - Abracon Corporation

  ACH Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5Vdc • HCMOS/ TTL COMPATIBLE HALF-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ACH
APPLICATIONS:
• Provide clock signals for microprocessors and digital circuits.
• High output drive capability applications.
FEATURES:
• Wide frequency range.
• HCMOS and TTL compatible.
• Tight symmetry option.
• Tristate Enable / Disable function.
• Fast rise and fall times.
• Anti-Static packaging tube.
ORDERIING OPTIONS
* Pin 1 has internal pull-up resistor which allows Pin 1 to be left floating (enable high) Option A.
Test circuit, waveforms, see appendix B..
Environmental and mechanical specifications, see appendix C. Group 1.
Marking, see appendix G. Recommended handling, see appendix F.
Application notes, see appendix A. Reflow profile see appendix E.
PIN
FUNCTION
NUMBER
1
NC or Tristate E/D
4
GND / Case
5
Output
8
Vdd
ACH - Frequency - Temperature - Overall Frequency Stability - Duty Cycle - Tristate - 50 - Value Added - Packaging
XX.XXXX MHz or kHz
-Y for ± 10ppm max**
-J for ± 20ppm max
-R for ± 25ppm max
-K for ± 30ppm max
-H for ± 35ppm max
-C for ± 50ppm max
- A for Tristate E/D
-S for 45 /55%
@
1/2Vdd
-T for 47.5 /52.5% @ 1/2Vdd
-S1 for 45 /55%
@
1.4Vdc
-T1 for 47.5 /52.5% @ 1.4Vdc
-G
Gull Wing
-G2
Gull Wing
-GHT Gull Wing Reflow capable
-QXX (Trimmed Leads)
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
** Standard Operating Temperature Only Frequency 50 MHz max.
Dimensions: Inches (mm)
PARAMETERS
SPECIFICATIONS
STANDARD SPECIFICATIONS
Frequency Range
(Fo)
32.768kHz - 200MHz
Operating Temperature (TOPR)
0°C to +70°C (See Options)
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
5Vdc ±10%
Input Current
(Idd)
Duty Cycle
45 / 55% max. for F < 50MHz @ 1/2Vdd (See Options)
or Symmetry
40 / 60% max. for F >_ 50MHz @ 1/2Vdd (See Options)
Rise and Fall Times (TR / TF)
10ns max. for F <_ 24MHz
5ns max. for F > 24MHz
Output Load
10TTL or 15pF (50pF max.) for Fo < 80MHz
5TTL or 15pF for (Fo) >_ 80MHz
Output Voltage
0.9 *Vdd min. (VOH) ; 0.4Vdc max. (VOL)
Start-up Time
(TOSC)
10ms max.
Tristate Function
(VIH)
(Option “-A” ONLY)
(VIL)
Output Disable/ Enable Time
100ns max. (for Option “- A” ONLY)
30mA max. for F< 24MHz
70mA max. for F< 80MHz
45mA max. for F< 50MHz
85mA max. for F>_ 80MHz
“1” or Open: Oscillation
>_ 2.2V
“0”:Output disabled in high impedance (HiZ) < 0.8V
50pF load
output drive
- T for tape and reel
-TY for Tray packing
12.7 x 12.7 x 5.6 mm
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON
®
C O R P O R A T I O N
54


Similar Part No. - ACH

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
ACH EATON-ACH Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
logo
Abracon Corporation
ACH ABRACON-ACH Datasheet
782Kb / 2P
HALF-SIZE DIP LOW VOLTAGE 5.0V CRYSTAL CLOCK OSCILLATOR
08.30.10
logo
Eaton All Rights Reserv...
ACH-10 EATON-ACH-10 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
ACH-15 EATON-ACH-15 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
logo
List of Unclassifed Man...
ACH-2 ETC1-ACH-2 Datasheet
217Kb / 2P
Aircraft limiter - fast-acting
More results

Similar Description - ACH

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com