Electronic Components Datasheet Search
  English  ▼

X  

ACO Datasheet(PDF) 1 Page - Abracon Corporation

Part # ACO
Description  CRYSTAL CLOCK OSCILLATORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACO Datasheet(HTML) 1 Page - Abracon Corporation

  ACO Datasheet HTML 1Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5Vdc • HCMOS/ TTL COMPATIBLE FULL-SIZE DIP
CRYSTAL CLOCK OSCILLATORS
ACO
ACO - Frequency - Temperature - Overall Frequency Stability - Duty Cycle - Tristate - 50 - Value Added - Packaging
XX.XXXX MHz or kHz
-Y for ± 10ppm max**
-J for ± 20ppm max
-R for ± 25ppm max
-K for ± 30ppm max
-H for ± 35ppm max
-C for ± 50ppm max
- A for Tristate E/D
-S for 45 /55% @ 1
/2Vdd
-T for 47.5 /52.5% @ 1
/2Vdd
-S1 for 45 /55% @ 1.4Vdc
-T1 for 47.5 /52.5% @ 1.4Vdc
-G Gull Wing
-GHT Gull Wing Reflow capable
-QXX (Trimmed Leads)
-D for -10°C to + 60°C
-E for -20°C to + 70°C
-F for -30°C to + 70°C
-N for -30°C to + 85°C
-L for -40°C to + 85°C
ORDERING OPTIONS
* Pin 1 has internal pull-up resistor which allows Pin 1 to be left floating (enable high) Option A
** Higher Frequencies available. Recommended handling, see appendix F.
Test circuit, waveforms, see appendix B. Reflow profile, see appendix E.
Environmental and mechanical specifications, see appendix C. Group 1. Marking, see appendix G.
Application notes, see appendix A. Value added, see appendix D.
** Standard Operating Temperature Only Frequency 50 MHz max
PIN
FUNCTION
NUMBER
1
NC or Tristate E/D
7
GND / Case
8
Output
14
Vdd
APPLICATIONS:
• Provide clock signals for microprocessors and digital circuits.
• High output drive capability applications.
FEATURES:
• Wide frequency range.
• HCMOS and TTL compatible.
• Tight symmetry option.
• Tristate Enable / Disable options.
• Fast rise and fall times.
• Anti-Static packaging tube.
Dimensions: Inches (mm)
Frequency Range
3.5 MHz - 25 MHz
Operation Mode
Fundamental, AT
Operating Temperature
-10°C to + 60° C (See Options)
Storage Temperature
-55°C to + 125° C
Frequency Tolerance @ 25°C
±50 ppm max. (See Options)
Frequency Stability over Temp.
±50 ppm max. (See Options)
Equivalent Series Resistance
200 W for 3.5 MHz < F < 4.0 MHz
(ESR) Maximum
150 W for 4.0 MHz < F < 6.0 MHz
100 W for 6.0 MHz < F < 10.0 MHz
80 W for 10 MHz < F < 14.0 MHz
50 W for 14 MHz < F <_ 25 MHz
Shunt Capacitance C0
7 pF max.
Load Capacitance CL
16pF (See Option)
Drive Level
100µW max.
Aging @ 25° C First Year
± 5 ppm max.
Insulation Resistance
500 MW min. at 100 Vdc ± 15V
PARAMETERS
SPECIFICATIONS
STANDARD SPECIFICATIONS
Frequency Range
(Fo)
500Hz - 200MHz**
Operating Temperature (TOPR)
0°C to +70°C
Storage Temperature
(TSTO)
-55°C to +125°C
Frequency Stability
(DF/ Fo)
±100ppm max. (See Options)
Supply Voltage
(Vdd)
5Vdc ±10%
Input Current
(Idd)
Duty Cycle
45 / 55% max. for F < 50MHz @ 1/2Vdd (See Options)
or Symmetry
40 / 60% max. for F >_ 50MHz @ 1/2Vdd (See Options)
Rise and Fall Times (TR / TF)
10ns max. for F <_ 24MHz
5ns max. for F > 24MHz
Output Load
10TTL or 15pF (50pF max.) for Fo < 80MHz
5TTL or 15pF for (Fo) >_ 80MHz
Output Voltage
0.9*Vdd min. (VOH) ; 0.4Vdc max. (VOL)
Start-up Time
(TOSC)
10ms max.
Tristate Function
(VIH)
(Option -A Only)
(VIL )
Output Disable / Enable Time
100ns max. (for Option “- A” ONLY)
“1” or Open: Oscillation
>_ 2.2V
“0”:Output disabled in high impedance (HiZ) < 0.8V
30mA max. for F< 24MHz
70mA max. for F< 80MHz
45mA max. for F< 50MHz
85mA max. for F>_ 80MHz
50 pF load
output drive
20.2 x12.6 x 5.08 mm
-TY for Tray packing
29 Journey • Aliso Viejo, CA 92656 • USA
(949) 448-7070
•
FAX: (949) 448-8484
E-MAIL:
abinfo@abracon.com • INTERNET ADDRESS: www.abracon.com
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
NOTE: Left blank if standard
• All specifications and markings subject to change without notice
ABRACON
®
C O R P O R A T I O N 51


Similar Part No. - ACO

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E-10.00 CONNOR-WINFIELD-ACOF5S3E-10.00 Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL-14.31818MHZ-D-C ABRACON-ACOL-14.31818MHZ-D-C Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
ACOL-14.31818MHZ-D-H ABRACON-ACOL-14.31818MHZ-D-H Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
More results

Similar Description - ACO

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-2830 NEL-HS-2830 Datasheet
262Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SN-A2970 NEL-SN-A2970 Datasheet
33Kb / 2P
CRYSTAL CLOCK OSCILLATORS
SU-A369X NEL-SU-A369X Datasheet
144Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
Crystal Clock Oscillators
logo
Abracon Corporation
ASL ABRACON-ASL Datasheet
258Kb / 1P
CRYSTAL CLOCK OSCILLATORS
Rev. B 01/2003
ACPEL ABRACON-ACPEL_08 Datasheet
156Kb / 2P
CRYSTAL CLOCK OSCILLATORS
Revised C: 03.11.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com