Electronic Components Datasheet Search
  English  ▼

X  

HM90 Datasheet(PDF) 1 Page - Bi technologies

Part # HM90
Description  Surface Mount Planar Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM90 Datasheet(HTML) 1 Page - Bi technologies

  HM90 Datasheet HTML 1Page - Bi technologies HM90 Datasheet HTML 2Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.bitechnologies.com
MAGNETIC COMPONENTS SELECTOR GUIDE 2006 EDITION
We reserve the right to change specifications without prior notice.
66
HM90-24240
Flyback 300kHz 60W
5
1
23.5
0.47
100.0
10.0
–
1000Vac
48V to 23V 5A
HM90-29240
Flyback 300kHz 60W
5
1
23.5
0.47
100.0
10.0
–
1000Vac
48V to 23V 5A
HM90-27141
Half Bridge 100kHz 125W
8
1:1
140.0
0.40
35.0
3.5
3.5
1200Vdc
48V to 5V 25A
HM90-30181
Forward 300kHz 55W
10
2:3
180.0
0.40
54.0
5.0
9.0
1500Vdc
48V to 5V 8A/3.3V 4.5A
Specifications
Pri, P1
Leakage
DCR(3)
Inductance(1)
Inductance(2)
mΩ Max.
Pri-Sec
(
µH)
(
µH)
Isolation
Pri
Sec
Min.
Typ.
P1
S1
S2
• Operating Temperature Range
-25°C to +125°C
• Ambient Temperature, Maximum
85°C

Electrical / Environmental
Surface Mount Planar Transformers
Notes:
(1) Inductance is measured at 100kHz. 0.1V without DC current.
(2) Leakage inductance is measured at P1 with all other windings shorted.
(3) DC resistance is measured at 25°C.
Outline Dimensions (mm) / Schematics
HM90-24240
Top View
Side View
Recommended PCB Pattern
Schematic
HM90-29240
Top View
Side View
Schematic
Recommended PCB Pattern
Part Number
Power Rating
Turns Ratio


Similar Part No. - HM90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM90 ETC1-HM90 Datasheet
287Kb / 2P
Surface Mount Planar Transformers
HM90-24240 ETC1-HM90-24240 Datasheet
287Kb / 2P
Surface Mount Planar Transformers
HM90-24240TR ETC1-HM90-24240TR Datasheet
287Kb / 2P
Surface Mount Planar Transformers
HM90-27141 ETC1-HM90-27141 Datasheet
287Kb / 2P
Surface Mount Planar Transformers
HM90-27141TR ETC1-HM90-27141TR Datasheet
287Kb / 2P
Surface Mount Planar Transformers
More results

Similar Description - HM90

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM90 ETC1-HM90 Datasheet
287Kb / 2P
Surface Mount Planar Transformers
logo
ECM Electronics Limited...
EPC19-12 ECM-EPC19-12 Datasheet
110Kb / 1P
Surface Mount HV Transformers
logo
Rhombus Industries Inc.
T-948 RHOMBUS-IND-T-948 Datasheet
57Kb / 1P
Surface Mount Balun Transformers
logo
XFMRS Inc.
XF0013B45 XFMRS-XF0013B45_11 Datasheet
81Kb / 1P
Surface Mount Transformers
1006 XFMRS-1006 Datasheet
188Kb / 2P
SURFACE MOUNT TRANSFORMERS
1006 XFMRS-1006_15 Datasheet
188Kb / 2P
SURFACE MOUNT TRANSFORMERS
X03061SM XFMRS-X03061SM Datasheet
72Kb / 1P
Surface Mount Transformers
logo
Vishay Siliconix
LPE-3325 VISHAY-LPE-3325_17 Datasheet
103Kb / 3P
Surface Mount Transformers/Inductors
24-Feb-11
logo
Dongguan Mentech Optica...
TPEIR25-0179SG MNC-TPEIR25-0179SG Datasheet
262Kb / 1P
PLANAR TRANSFORMERS
logo
Bourns Electronic Solut...
PLN BOURNS-PLN Datasheet
859Kb / 4P
Planar Transformers
Mar 31, 2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com