Electronic Components Datasheet Search
  English  ▼

X  

TDA6402A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA6402A
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6402A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA6402A Datasheet HTML 18Page - NXP Semiconductors TDA6402A Datasheet HTML 19Page - NXP Semiconductors TDA6402A Datasheet HTML 20Page - NXP Semiconductors TDA6402A Datasheet HTML 21Page - NXP Semiconductors TDA6402A Datasheet HTML 22Page - NXP Semiconductors TDA6402A Datasheet HTML 23Page - NXP Semiconductors TDA6402A Datasheet HTML 24Page - NXP Semiconductors TDA6402A Datasheet HTML 25Page - NXP Semiconductors TDA6402A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
2000 Jan 24
22
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
TEST AND APPLICATION INFORMATION
Fig.12 Gain measurement in VHF band.
Zi >> 50 Ω⇒ Vi =2 × Vmeas =80dBµV.
Vi =Vmeas +6dB =80dBµV.
Vo =V’meas ×
Gv = 20 log
50
22
+
50
-------------------
V
o
V
i
------
handbook, full pagewidth
MGE698
50
Ω
22
Ω
50
Ω
50
Ω
V
VHFIN
IFOUT
e
Vmeas
RMS
voltmeter
spectrum
analyzer
Vo
Vi
D.U.T.
V'meas
signal
source
Fig.13 Input circuit for optimum noise figure in VHF band.
(b) For fRF = 150 MHz:
mixer A frequency response measured = 150.3 MHz, loss = 1.3 dB
image suppression = 13 dB
C3 = 5 pF
C4 =25pF
l2 = semi rigid cable (RIM): 30 cm long
l3 = semi rigid cable (RIM): 5 cm long
(semi rigid cable (RIM); 33 dB/100 m; 50
Ω; 96 pF/m).
(a) For fRF = 50 MHz:
mixer A frequency response measured = 57 MHz, loss = 0 dB
image suppression = 16 dB
C1 = 9 pF
C2 = 15 pF
L1 = 7 turns (
∅ 5.5 mm, wire ∅ = 0.5 mm)
l1 = semi rigid cable (RIM): 5 cm long
(semi rigid cable (RIM); 33 dB/100 m; 50
Ω; 96 pF/m).
handbook, full pagewidth
MBE286 - 1
L1
C2
C1
PCB
plug
plug
BNC
BNC
RIM-RIM
I1
C4
C3
PCB
RIM-RIM
I3
I2
(a)
(b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com