Electronic Components Datasheet Search
  English  ▼

X  

TDA6404 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA6404
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6404 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA6404 Datasheet HTML 1Page - NXP Semiconductors TDA6404 Datasheet HTML 2Page - NXP Semiconductors TDA6404 Datasheet HTML 3Page - NXP Semiconductors TDA6404 Datasheet HTML 4Page - NXP Semiconductors TDA6404 Datasheet HTML 5Page - NXP Semiconductors TDA6404 Datasheet HTML 6Page - NXP Semiconductors TDA6404 Datasheet HTML 7Page - NXP Semiconductors TDA6404 Datasheet HTML 8Page - NXP Semiconductors TDA6404 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
1999 Jan 13
4
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
BLOCK DIAGRAM
Fig.1 Block diagram.
The pin numbers in parenthesis represent the TDA6405 and TDA6405A.
handbook, full pagewidth
MGK813
XTAL
OSCILLATOR
4 MHz
REFERENCE
DIVIDER
512, 640, 1024
PRESCALER
DIVIDE BY 8
15-BIT
PROGRAMMABLE
DIVIDER
POWER-ON
RESET
DIGITAL
PHASE
COMPARATOR
CHARGE
PUMP
TUNING
AMPLIFIER
UHF
OSCILLATOR
IF
AMPLIFIER
VHF
OSCILLATOR
RF INPUT
UHF
ELECTRONIC
BAND SWITCH
RF INPUT
VHF
UHF
MIXER
VHF
MIXER
IN-LOCK
DETECTOR
15-BIT
FREQUENCY
REGISTER
5-LEVEL A/D
CONVERTER
GATE
7-BIT CONTROL
REGISTER
LOGIC
OS
T2, T1, T0
T2, T1, T0
BS
CHP
T2
T1
T0 RSA RSB OS
CHP
3-BIT BAND SWITCH
REGISTER
VHFL
VHFH
UHF
I2C-BUS
TRANSCEIVER
FL
fREF 1/2fDIV
FL
FL
TDA6404
TDA6405
TDA6405A
fREF
fDIV
1/2fDIV
RSA
RSB
AS
SDA
SCL
AS
SDA
SCL
(3) 26
(2) 27
(1) 28
(4) 25
(11) 18
(10) 19
(5) 24
(6) 23
(7) 22
(15) 14
(14) 15
(8) 21
16 (13)
2 (27)
1 (28)
4 (25)
3 (26)
12 (17)
11 (18)
10 (19)
BS
BSVHF
BSUHF
5 (24)
17 (12)
IFFIL1
VCC
VCC
6 (23)
IFFIL2
13 (16)
7 (22)
8 (21)
9 (20)
(9) 20
UHFOSCIB1
UHFOSCOC1
VT
GND
CP
UHFOSCOC2
UHFOSCIB2
VHFOSCIB2
IFOUT1
IFOUT2
VHFOSCOC1
VHFOSCOC2
VHFOSCIB1
PVHFL
ADC
PVHFH
PUHF
UHFIN1
UHFIN2
VHFIN
RFGND
XTAL
BSVHF
BSUHF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com