Electronic Components Datasheet Search
  English  ▼

X  

TDA6403 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA6403
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6403 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA6403 Datasheet HTML 12Page - NXP Semiconductors TDA6403 Datasheet HTML 13Page - NXP Semiconductors TDA6403 Datasheet HTML 14Page - NXP Semiconductors TDA6403 Datasheet HTML 15Page - NXP Semiconductors TDA6403 Datasheet HTML 16Page - NXP Semiconductors TDA6403 Datasheet HTML 17Page - NXP Semiconductors TDA6403 Datasheet HTML 18Page - NXP Semiconductors TDA6403 Datasheet HTML 19Page - NXP Semiconductors TDA6403 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
2000 Jan 24
16
Philips Semiconductors
Product specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6402; TDA6402A;
TDA6403; TDA6403A
CHARACTERISTICS
Tamb =25 °C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
4.5
5.0
5.5
V
ICC
supply current at VCC = 5 V
all PNP ports are ‘OFF’
−
71
78
mA
one PNP port is ‘ON’; sourcing
25 mA
−
103
113
mA
one PNP port is ‘ON’; sourcing
25 mA and a second one is ‘ON’;
sourcing 5 mA
−
111
122
mA
PLL part (VCC = 4.5 to 5.5 V; Tamb = −20 to +85 °C; unless otherwise specified)
FUNCTIONAL RANGE
VPOR
power-on reset supply voltage
below this supply voltage power-on
reset becomes active
1.5
2.0
−
V
N
divider ratio
15-bit frequency word
256
−
32767
14-bit frequency word
256
−
16383
fXTAL
crystal oscillator
RXTAL =25to300 Ω
3.2
4.0
4.48
MHz
Z
XTAL
input impedance (absolute
value)
fXTAL = 4 MHz
600
1200
−Ω
PNP PORTS
IBSn(off)
leakage current
VCC = 5.5 V; VPn =0V
−10
−−µA
VBSn(sat)
output saturation voltage
one buffer output is ‘ON’, sourcing
25 mA; VPn(sat) =VCC − VPn
−
0.25
0.4
V
LOCK OUTPUT IN 3-WIRE BUS MODE (PNP COLLECTOR OUT)
IUNLOCK
output current when the PLL is
out-of-lock
VCC = 5.5 V; VOUT = 5.5 V
−−
100
µA
VUNLOCK
output saturation voltage
when the PLL is out-of-lock
ISOURCE = 200 µA;
VUNLOCK =VCC − VOUT
−
0.4
0.8
V
VLOCK
output voltage
the PLL is locked
−
0.01
0.40
V
ADC INPUT IN I2C-BUS MODE
VADC
ADC input voltage
see Table 11
0
−
VCC
V
IADCH
HIGH-level input current
VADC =VCC
−−
10
µA
IADCL
LOW-level input current
VADC =0V
−10
−−µA
SW INPUT (BUS MODE SELECTION)
VSWL
LOW-level input voltage
0
−
1.5
V
VSWH
HIGH-level input voltage
3
−
VCC
V
ISWH
HIGH-level input current
VSW =VCC
−−
10
µA
ISWL
LOW-level input current
VSW =0V
−100
−−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com