Electronic Components Datasheet Search
  English  ▼

X  

S115FP Datasheet(PDF) 2 Page - ON Semiconductor

Part # S115FP
Description  Surface Mount Schottky Barrier Rectifiers 1 A, 20 V - 150 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

S115FP Datasheet(HTML) 2 Page - ON Semiconductor

  S115FP Datasheet HTML 1Page - ON Semiconductor S115FP Datasheet HTML 2Page - ON Semiconductor S115FP Datasheet HTML 3Page - ON Semiconductor S115FP Datasheet HTML 4Page - ON Semiconductor S115FP Datasheet HTML 5Page - ON Semiconductor S115FP Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS12FP − S115FP
www.onsemi.com
2
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Note 1)
Symbol
Parameter
Value
Unit
YJL
Thermal Characteristics, Junction−to−Lead (Note 2)
10
°C/W
RqJA
Thermal Resistance, Junction−to−Ambient
140
°C/W
1. Per JESD51−3 recommended thermal test board. Device mounted on FR−4 PCB, board size = 76.2 mm x 114.3 mm.
2. Thermocouple soldered at cathode lead.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Value
Unit
SS12
FP
SS13
FP
SS14
FP
SS16
FP
S110
FP
S115
FP
VF
Maximum Instantaneous
Forward Voltage (Note 3)
IF = 0.5 A
0.51
0.58
0.70
0.75
V
IF = 1.0 A
0.45
0.50
0.55
0.70
0.80
0.90
IR
Maximum Reverse Current
at Rated VR
TJ = 25°C
0.40
0.05
mA
TJ = 125°C
0.50
CJ
Typical Junction Capacitance
VR = 4 V,
f = 1 MHz
54
28
pF
Trr
Typical Reverse Recovery Time IF = 0.5 A,
IR = 1 A,
IRR = 0.25 A
6
14
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulse test with PW = 300 ms, 1% duty cycle.
ORDERING INFORMATION
Part Number
Device Code Marking
Package
Packing Method†
SS12FP
2FP
SOD−123EP
Tape and Reel
SS13FP
3FP
SOD−123EP
Tape and Reel
SS14FP
4FP
SOD−123EP
Tape and Reel
SS16FP
6FP
SOD−123EP
Tape and Reel
S110FP
0FP
SOD−123EP
Tape and Reel
S115FP
AFP
SOD−123EP
Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com