Electronic Components Datasheet Search
  English  ▼

X  

SS24 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS24
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS24 Datasheet(HTML) 3 Page - ON Semiconductor

  SS24 Datasheet HTML 1Page - ON Semiconductor SS24 Datasheet HTML 2Page - ON Semiconductor SS24 Datasheet HTML 3Page - ON Semiconductor SS24 Datasheet HTML 4Page - ON Semiconductor SS24 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS23, SS24, SS25, SS26, SS28, SS29, S210
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Forward Current Derating Curve
Figure 2. Forward Current Characteristics
Figure 3. Reverse Current vs. Reverse Voltage
Figure 4. Total Capacitance
VR, REVERSE VOLTAGE (V)
50
60
70
80
90 100 110 120 130 140 150
0
0.5
1
1.5
2
LEAD TEMPERATURE (°C)
SS23−24
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.9
1
1.1
0.1
1
5
10
20
50
VF, FORWARD VOLTAGE (V)
0
20
40
60
80
100
120
140
0.001
0.01
0.1
1
10
VR, REVERSE VOLTAGE (V)
0.1
0.5
1
5
10
20
50 100
10
20
50
100
200
500
Figure 5. Non−Repetitive Surge Current
1
2
5
10
20
50
100
0
10
20
30
40
50
60
NUMBER OF CYCLES AT 60 Hz
SS23−24
SS23−24



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com