Electronic Components Datasheet Search
  English  ▼

X  

SS36 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS36
Description  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS36 Datasheet(HTML) 3 Page - ON Semiconductor

  SS36 Datasheet HTML 1Page - ON Semiconductor SS36 Datasheet HTML 2Page - ON Semiconductor SS36 Datasheet HTML 3Page - ON Semiconductor SS36 Datasheet HTML 4Page - ON Semiconductor SS36 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS32 − S310
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 3. Forward Voltage Characteristics
Figure 4. Reverse Current vs. Reverse Voltage
0
0.2
0.4
1
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
VF, Forward Voltage (V)
0
20
40
80
100
140
60
0.001
1
10
20
0.1
0.01
50
0.6
0.8
1.2
1.4
1.6
Pulse Width = 300 ms
2% Duty Cycle
TA = 125°C
TA = 25°C
TA = 150°C
SS32−SS34
SS35−S310
120
TA = 125°C
TA = 75°C
TA = 25°C
SS32−SS34
SS35−S310
SS32−SS34
SS35−S310
Figure 5. Total Capacitance
Figure 6. Thermal Impedance Characteristics
0.1
1
100
10
10
100
1000
Pulse Duration (s)
VR, Reverse Voltage (V)
0.01
0.1
10
100
1
0.1
10
100
1
SS32−SS34
SS35−S310



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com