Electronic Components Datasheet Search
  English  ▼

X  

SS36FA Datasheet(PDF) 4 Page - ON Semiconductor

Part # SS36FA
Description  Schottky Barrier Rectifiers, Surface Mount 3 A, 40 V-100 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS36FA Datasheet(HTML) 4 Page - ON Semiconductor

  SS36FA Datasheet HTML 1Page - ON Semiconductor SS36FA Datasheet HTML 2Page - ON Semiconductor SS36FA Datasheet HTML 3Page - ON Semiconductor SS36FA Datasheet HTML 4Page - ON Semiconductor SS36FA Datasheet HTML 5Page - ON Semiconductor SS36FA Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SS34FA−S310FA
www.onsemi.com
4
TYPICAL CHARACTERISTICS (CONTINUED)
Figure 7. Typical Reverse Characteristics
Figure 8. Typical Reverse Characteristics
Figure 9. Typical Junction Capacitance
0.1
1
10
100
1
10
100
1000
SS36FA
S310FA
Reverse Voltage, V
R [V]
SS34FA
10
20
30
40
50
60
70
80
90
100
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
SS36FA
T
A= 125
oC
T
A= 75
oC
T
A=150
oC
T
A= 25
oC
T
A= −40
oC
T
A= −55
oC
Percent of Rated Peak Reverse Voltage [%]
10
20
30
40
50
60
70
80
90
100
1E−5
1E−4
0.001
0.01
0.1
1
10
100
1000
10000
S310FA
T
A= 125
oC
T
A= 75
oC
T
A=150
oC
T
A= 25
oC
T
A= −40
oC
T
A= −55
oC
Percent of Rated Peak Reverse Voltage [%]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com