Electronic Components Datasheet Search
  English  ▼

X  

TDA6503 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA6503
Description  5 V mixers/oscillators and synthesizers for cable TV and VCR 2-band tuners
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6503 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA6503 Datasheet HTML 1Page - NXP Semiconductors TDA6503 Datasheet HTML 2Page - NXP Semiconductors TDA6503 Datasheet HTML 3Page - NXP Semiconductors TDA6503 Datasheet HTML 4Page - NXP Semiconductors TDA6503 Datasheet HTML 5Page - NXP Semiconductors TDA6503 Datasheet HTML 6Page - NXP Semiconductors TDA6503 Datasheet HTML 7Page - NXP Semiconductors TDA6503 Datasheet HTML 8Page - NXP Semiconductors TDA6503 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2000 Mar 16
2
Philips Semiconductors
Preliminary specification
5 V mixers/oscillators and synthesizers for
cable TV and VCR 2-band tuners
TDA6502; TDA6502A;
TDA6503; TDA6503A
CONTENTS
1
FEATURES
2
APPLICATIONS
3
GENERAL DESCRIPTION
3.1
I2C-bus format
3.2
3-wire bus format
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Control mode selection
8.2
I2C-bus data format
8.2.1
I2C-bus address selection
8.2.2
Write mode
8.2.3
Read mode
8.2.4
Power-on reset
8.3
3-wire bus data format
8.3.1
Power-on reset
9
LIMITING VALUES
10
THERMAL CHARACTERISTICS
11
CHARACTERISTICS
12
TIMING CHARACTERISTICS
13
TEST AND APPLICATION INFORMATION
13.1
Test circuits
13.2
Measurement circuit
13.3
Tuning amplifier
13.4
Crystal oscillator
13.5
Examples of I2C-bus data format sequences for
TDA6502 and TDA6503
13.5.1
Write sequences to register C2
13.5.2
Read sequences from register C3
13.6
Examples of 3-wire bus data format sequences
for TDA6502 and TDA6503
13.6.1
18-bit sequence
13.6.2
19-bit sequence
13.6.3
27-bit sequence
14
INTERNAL PIN CONFIGURATION
15
PACKAGE OUTLINE
16
SOLDERING
16.1
Introduction to soldering surface mount
packages
16.2
Reflow soldering
16.3
Wave soldering
16.4
Manual soldering
17
DEFINITIONS
18
LIFE SUPPORT APPLICATIONS
19
PURCHASE OF PHILIPS I2C COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com