Electronic Components Datasheet Search
  English  ▼

X  

B0540WS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # B0540WS-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

B0540WS-HF Datasheet(HTML) 2 Page - Comchip Technology

  B0540WS-HF Datasheet HTML 1Page - Comchip Technology B0540WS-HF Datasheet HTML 2Page - Comchip Technology B0540WS-HF Datasheet HTML 3Page - Comchip Technology B0540WS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Rating and Characteristic Curves (B0540WS-HF)
Page 2
QW-JB106
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
REV:A
SMD Schottky Barrier Diode
Fig.3 - Capacitance vs Reverse Voltage
0
30
20
0
150
Reverse Voltage, VR (V)
10
60
15
5
25
30
5
10
40
15
20
Reverse Voltage, VR (V)
Fig.1 - Typical Reverse Characteristic
200
0.2
2
20
20000
25
Fig.4 - Derating Curve (PD-TA)
0
150
100
0
Ambient temperature, TA (°C)
50
100
200
75
25
250
50
150
Fig.2 - Typical Forward Characteristic
0
600
0.01
10
10000
0.1
1
400
200
Forward Voltage, VF (mV)
100
1000
800
Parameter
Symbol
Conditions
Max
Unit
Min
Max. peak reverse current
(Note 2)
VR = 20V
IR
μA
Capacitance between terminals
CT
pF
20
4
VR = 0V, f = 1MHz
Reverse recovery time
trr
ns
IF = IR = 10mA, Irr = 0.1 x IR, RL = 100Ω
170
Forward voltage
(Note 1)
VF
V
IF = 0.5A
IF = 1A
0.62
0.51
Notes: 1. Pulse width ≤ 380µs, duty cycle < 2%.
2. Pulse test, tp ≤ 5ms.
VR = 40V
10
300
350
400
125
TA=25°C
f=1MHz
120
90
35
30
2000
TA=25°C
TA=75°C
TA=100°C
TA=125°C
TA=150°C
1000
TA=25°C
TA=75°C
TA=100°C
TA=125°C
TA=150°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com