Electronic Components Datasheet Search
  English  ▼

X  

BAS316-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # BAS316-HF
Description  High Speed Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS316-HF Datasheet(HTML) 2 Page - Comchip Technology

  BAS316-HF Datasheet HTML 1Page - Comchip Technology BAS316-HF Datasheet HTML 2Page - Comchip Technology BAS316-HF Datasheet HTML 3Page - Comchip Technology BAS316-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (BAS316-HF)
Comchip Technology CO., LTD.
QW-J0048
Page 2
REV:A
High Speed Switching Diodes
Reverse Voltage, VR (V)
Fig.3 - Capacitance Characteristics
0
1
4
2
2
3
Ta=25°C
f=1MHz
1
0
Fig.1 - Forward Characteristics
Forward Voltage, VF (V)
0
1
0.25
0.5
1
1.25
100
0.75
10
250
Fig.4 - Power Derating Curve
Ambient Temperature, Ta (°C)
0
0
25
150
50
75
100
200
100
125
250
150
50
0.001
Fig.2 - Reverse Characteristics
Reverse Voltage, VR (V)
0
120
0.01
1
10
0.1
100
20
40
60
80
100
Ta=150°C
Ta=25°C
Ta=150°C
Ta=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com