Electronic Components Datasheet Search
  English  ▼

X  

TLS105B0MB Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLS105B0MB
Description  OPTIREG™ linear voltage regulator TLS105B0MB High-precision voltage tracker
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS105B0MB Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLS105B0MB Datasheet HTML 3Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 4Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 5Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 6Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 7Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 8Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 9Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 10Page - Infineon Technologies AG TLS105B0MB Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
3.2
Functional range
Table 3
Functional range
Parameter
Symbol
Values
Unit
Note or
condition
Number
Min.
Typ.
Max.
Input voltage range
VIN
4
–
40
V
–
P_3.2.1
Adjust input voltage range
(Voltage tracking range)
VADJ
2
–
20
V
–
P_3.2.2
Capacitance of output
capacitor
COUT
1
–
–
µF
1)
P_3.2.3
Equivalent series resistance
of output capacitor
ESRC
OUT
–
–
3
Ω
2)
P_3.2.4
Junction temperature
Tj
-40
–
150
°C
–
P_3.2.5
1)
The minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
2)
Relevant ESR value at f = 10 kHz.
Note:
Within the functional range, the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the electrical characteristics table.
3.3
Thermal resistance
Table 4
Thermal resistance1)
Parameter
Symbol
Values
Unit
Note or condition
Number
Min.
Typ.
Max.
Junction to ambient
RthJA
–
84
–
K/W
2)
P_3.3.1
Junction to ambient
RthJA
–
228
–
K/W
3) Footprint only
P_3.3.2
Junction to ambient
RthJA
–
123
–
K/W
3) 300 mm2 PCB
heatsink area
P_3.3.3
Junction to ambient
RthJA
–
109
–
K/W
3) 600 mm2 PCB
heatsink area
P_3.3.4
Junction to soldering point
RthJSP
–
32
–
K/W
Pins 2, 5 fixed to TA
P_3.3.5
1)
Not subject to production test, specified by design.
2)
Specified RthJA value is according to JEDEC JESD51-2,-5,-7 at natural convection on FR4 2s2p board; the product (chip and
package) was simulated on a 76.2 × 114.3 × 1.5 mm3 board with two inner copper layers (2 × 70 µm Cu, 2 × 35 µm Cu). Where
applicable, a thermal via array next to the package contacted the first inner copper layer.
3)
Package mounted on PCB FR4; 80 × 80 × 1.5 mm3; 35 µm Cu, 5 µm Sn; horizontal position; zero airflow.
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards. For more information
visit www.jedec.org.
OPTIREG™ linear voltage regulator TLS105B0MB
High-precision voltage tracker
3 General product characteristics
Datasheet
7
Rev. 1.14
2023-07-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com