Electronic Components Datasheet Search
  English  ▼

X  

TDA7053AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA7053AT
Description  Stereo BTL audio output amplifier with DC volume control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA7053AT Datasheet HTML 2Page - NXP Semiconductors TDA7053AT Datasheet HTML 3Page - NXP Semiconductors TDA7053AT Datasheet HTML 4Page - NXP Semiconductors TDA7053AT Datasheet HTML 5Page - NXP Semiconductors TDA7053AT Datasheet HTML 6Page - NXP Semiconductors TDA7053AT Datasheet HTML 7Page - NXP Semiconductors TDA7053AT Datasheet HTML 8Page - NXP Semiconductors TDA7053AT Datasheet HTML 9Page - NXP Semiconductors TDA7053AT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1997 Jul 15
6
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
CHARACTERISTICS
VP =6V; Tamb =25 °C; fi = 1 kHz; TDA7053A: RL =8 Ω; TDA7053AT: RL =16 Ω; unless otherwise specified
(see Fig.13).
Notes
1. With a load connected to the outputs the quiescent current will increase, the maximum value of this increase being
equal to the DC output offset voltage divided by RL.
2. The noise output voltage (RMS value) at fi = 500 kHz is measured with RS =0 Ω and bandwidth = 5 kHz.
3. 20 Hz to 300 kHz (typical).
4. The ripple rejection is measured with RS =0 Ω and fi = 100 Hz to 10 kHz. The ripple voltage of 200 mV (RMS value)
is applied to the positive supply rail.
5. The channel unbalance is measured with VDC1 =VDC2.
6. The channel unbalance at G1 = 0 dB is measured with VDC1 =VDC2.
7. The noise output voltage (RMS value) is measured with RS =5kΩ unweighted.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
supply voltage
4.5
−
18
V
Iq(tot)
total quiescent current
VP =6V; RL = ∞; note 1
−
22
25
mA
Maximum gain; V2,8 ≥ 1.4 V
Pout
output power
THD = 10%
TDA7053A
1.0
1.1
−
W
TDA7053AT
0.5
0.55
−
W
THD
total harmonic distortion
TDA7053A
Pout = 0.5 W
−
0.3
1
%
TDA7053AT
Pout = 0.25 W
−
0.3
1
%
Gv
voltage gain
39.5
40.5
41.5
dB
VI(rms)
input signal handling (RMS value) Gv = 0 dB; THD < 1%
1
−−
V
Vno
noise output voltage
fi = 500 kHz; note 2
−
210
−µV
B
bandwidth
at
−1dB
−
note 3
−
Hz
SVRR
supply voltage ripple rejection
note 4
34
38
−
dB
VO(os)
DC output offset voltage
V16 − V13 and V12 − V9−
0
200
mV
Zi
input impedance (pins 4 and 6)
15
20
25
k
Ω
αcs
channel separation
RS =5kΩ
40
−−
dB
G
v
channel unbalance
note 5
−−
1dB
G1 = 0 dB; note 6
−−
1dB
Mute position; V2,8 = 0.4 V ±30 mV
VO
output voltage in mute position
Vi = 1.0 V; note 7
−
30
40
µV
DC volume control
GC
gain control
68.5
73.5
−
dB
IDC
volume control current
V2 =V8 =0V
−20
−25
−30
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com