Electronic Components Datasheet Search
  English  ▼

X  

SF104C Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SF104C
Description  GLASS PASSIVATED SUPER FAST RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SF104C Datasheet(HTML) 1 Page - Rectron Semiconductor

  SF104C Datasheet HTML 1Page - Rectron Semiconductor SF104C Datasheet HTML 2Page - Rectron Semiconductor SF104C Datasheet HTML 3Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GLASS PASSIVATED SUPER FAST RECTIFIER
VOLTAGE 200 Volts CURRENT 10 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SF104C
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
FEATURES
* Low switching noise
* Low forward voltage drop
* Low thermal resistance
* High current capability
* Super fast switching speed
* High reliability
* Good for switching mode circuit
MECHANICAL DATA
* Case: TO-220 molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 2.24 grams
TO-220
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = 125
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 4)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TJ, TSTG
VRMS
UNITS
Volts
Volts
Amps
10.0
150
3
15
50
Amps
0
C/W
0
C
Operating and Storage Temperature Range
Rq JC
Rq JA
IO
-55 to + 150
pF
Volts
SF104C
200
200
140
NOTES : 1. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
4. Thermal Resistance : Heat-sink mounted.
2007-1
CHARACTERISTICS
at Rated DC Blocking Voltage
Maximum Reverse Recovery Time (Note 1)
VF
SYMBOL
IR
nSec
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 5.0A DC
Volts
10
35
@TA = 100
oC
@TA = 25
oC
trr
1.0
500
UNITS
SF104C
.153 ( 3.9)
.413 ( 10.5)
.108
.051
.374 ( 9.5)
( 2.75)
( 1.3)
.148 ( 3.8 )
.053 ( 1.3)
.047 ( 1.2)
.270 ( 6.9)
.610 ( 15.5)
.583 (14.8)
.102 ( 2.6)
.091 ( 2.3)
.583 ( 14.8)
.157
.126
( 4.0)
( 3.2)
.531( 13.5)
.028 ( 0.7)
.012 ( 0.3)
.230 ( 5.8)
.187 ( 4.7 )
.146 ( 3.7)
.035 (0.9)
.028 ( 0.7)
PIN
1
2 3
PIN 1
PIN 3
HEATSINK
PIN 2


Similar Part No. - SF104C

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SF104C WILLAS-SF104C Datasheet
302Kb / 2P
10.0 AMP GLASS PASSIVATED SUPER FAST RECTIFIER ITO-220 PACKAGE
logo
Thinki Semiconductor Co...
SF104C THINKISEMI-SF104C Datasheet
620Kb / 2P
10.0 Ampere Dual Common Cathode Super Fast Recovery Rectifier
SF104C THINKISEMI-SF104C Datasheet
295Kb / 2P
10.0 Ampere Heatsink Dual Common Cathode Super Fast Recovery Rectifiers
SF104CA THINKISEMI-SF104CA Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Common Anode Super Fast Recovery Rectifiers
SF104CD THINKISEMI-SF104CD Datasheet
273Kb / 2P
10.0 Ampere Heatsink Dual Doubler Polarity Super Fast Recovery Rectifiers
More results

Similar Description - SF104C

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nanjing International G...
MUR1620CT.JF DGNJDZ-MUR1620CT.JF Datasheet
85Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jing Heng Electro...
MUR520 JINGHENG-MUR520 Datasheet
60Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR520M2 JINGHENG-MUR520M2 Datasheet
51Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
MUR1680CT JINGHENG-MUR1680CT Datasheet
57Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Nantong Hornby Electron...
SF16X HORNBY-SF16X Datasheet
298Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
SF30XPT HORNBY-SF30XPT Datasheet
275Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
MUR4060CT JINANJINGHENG-MUR4060CT Datasheet
164Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
SF51G CHENDA-SF51G_V01 Datasheet
571Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
MUR2020R RECTRON-MUR2020R Datasheet
575Kb / 5P
SUPER FAST GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com