Electronic Components Datasheet Search
  English  ▼

X  

RN50 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RN50
Description  Metal Film Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RN50 Datasheet(HTML) 3 Page - Vishay Siliconix

  RN50 Datasheet HTML 1Page - Vishay Siliconix RN50 Datasheet HTML 2Page - Vishay Siliconix RN50 Datasheet HTML 3Page - Vishay Siliconix RN50 Datasheet HTML 4Page - Vishay Siliconix RN50 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CMF (Military RN and RL)
Vishay Dale
Metal Film Resistors, Military,
MIL-R-10509 Qualified, Type RN
and MIL-PRF-22684 Qualified, Type RL
www.vishay.com
For technical questions, contact: ff2bresistors@vishay.com
Document Number: 31027
46
Revision: 28-Aug-06
* 0.290" [7.37] for ± 0.25 % and ± 0.1 % resistance tolerances.
NOTE: Commercial equivalents of military styles are available with higher power ratings. Consult factory.
DIMENSIONS in inches [millimeters]
VISHAY DALE
MODEL
AB
C (Max.)
D
CMF50
0.150 ± 0.020
[3.81 ± 0.51]
0.065 ± 0.015
[1.65 ± 0.38]
0.244
[6.20]
0.016 ± 0.002
[0.41 ± 0.05]
CMF55
0.240 ± 0.020
[6.10 ± 0.51]
0.090 ± 0.008
[2.29 ± 0.20]
0.278
[7.06]*
0.025 ± 0.002
[0.64 ± 0.05]
CMF60
0.344 ± 0.031
[8.74 ± 0.79]
0.145 ± 0.015
[3.68 ± 0.38]
0.425
[10.80]
0.025 ± 0.002
[0.64 ± 0.05]
CMF65
0.562 ± 0.031
[14.27 ± 0.79]
0.180 ± 0.015
[4.57 ± 0.38]
0.687
[17.45]
0.025 ± 0.002
[0.64 ± 0.05]
CMF70
0.562 ± 0.031
[14.27 ± 0.79]
0.180 ± 0.015
[4.57 ± 0.38]
0.687
[17.45]
0.032 ± 0.002
[0.81 ± 0.05]
CMF07
0.240 ± 0.020
[6.10 ± 0.51]
0.090 ± 0.008
[2.29 ± 0.20]
0.278
[7.06]
0.025 ± 0.002
[0.64 ± 0.05]
CMF20
0.375± 0.040
[9.53 ± 1.02]
0.145 ± 0.015
[3.68 ± 0.38]
0.425
[10.80]
0.032 ± 0.002
[0.81 ± 0.05]
MILITARY POWER RATING
WATTAGE
MILITARY QUALIFIED
MIL-R-10509
MIL-PRF-22684
AT + 70 °C
(D)
AT + 125 °C
(C & E)
AT + 70 °C
0.05
-
RN50
-
0.10
-
RN55
-
0.125
RN55
RN60
-
0.25
RN60
RN65
RL07
0.50
RN65
RN70
RL20
1.0
RN70
-
-
HEAT RISE
The increase in resistors surface temperature due to rated load is
shown in the chart above. Resistor temperature = heat rise +
ambient temperature.
A
B
D
C
Max.
1.50 ± 0.125
[38.10 ± 3.18]
100
80
60
40
20
0
3/4 W
1/2 W
1/4 W
1/2 W
1/4 W
1/8 W
1/4 W
1/8 W
1/10W
CMF55
CMF07
CMF60
CMF20
CMF65
CMF70



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com