Electronic Components Datasheet Search
  English  ▼

X  

TDA7072AT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA7072AT
Description  Single BTL power driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7072AT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA7072AT Datasheet HTML 2Page - NXP Semiconductors TDA7072AT Datasheet HTML 3Page - NXP Semiconductors TDA7072AT Datasheet HTML 4Page - NXP Semiconductors TDA7072AT Datasheet HTML 5Page - NXP Semiconductors TDA7072AT Datasheet HTML 6Page - NXP Semiconductors TDA7072AT Datasheet HTML 7Page - NXP Semiconductors TDA7072AT Datasheet HTML 8Page - NXP Semiconductors TDA7072AT Datasheet HTML 9Page - NXP Semiconductors TDA7072AT Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
July 1994
6
Philips Semiconductors
Objective specification
Single BTL power driver
TDA7072A/AT
APPLICATION INFORMATION
handbook, full pagewidth
500
Ω
R
s
100 nF
220
µF
V = 5 V
P
(1)
Vref
ground
MCD379
1
2
TDA7072A
TDA7072AT
3
5
8
4
n.c.
6
7
n.c.
R L
(2)
driver signal
SERVO SYSTEM
I + i
I – i
Fig.3 Test and application diagram.
(1) This capacitor can be omitted if the 220
µF electrolytic capacitor is connected close to pin 1.
(1) RL can be: focus, tracking, sled function or spindle motor.
Fig.4 Typical output voltage swing over RL.
+ (V
– 2.1) V
P
– (V
– 2.1) V
P
0 V
MCD380



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com