Electronic Components Datasheet Search
  English  ▼

X  

CMF07 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CMF07
Description  Metal Film Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMF07 Datasheet(HTML) 1 Page - Vishay Siliconix

  CMF07 Datasheet HTML 1Page - Vishay Siliconix CMF07 Datasheet HTML 2Page - Vishay Siliconix CMF07 Datasheet HTML 3Page - Vishay Siliconix CMF07 Datasheet HTML 4Page - Vishay Siliconix CMF07 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Metal Film Resistors, Military,
MIL-R-10509 Qualified, Type RN
and MIL-PRF-22684 Qualified, Type RL
CMF (Military RN and RL)
Vishay Dale
www.vishay.com
For technical questions, contact: ff2bresistors@vishay.com
Document Number: 31027
44
Revision: 28-Aug-06
FEATURES
• Very low noise (- 40 dB)
• Very low voltage coefficient (5 ppm/V)
• Controlled temperature coefficient
• Flame retardant epoxy coating
• Commercial alternatives to military styles are available
with higher power ratings. See appropriate catalog or web
page
Vishay Dale commercial value range: Extended resistance ranges are available in commercial equivalent types. Please contact us by using the
email at the bottom of this page.
STANDARD ELECTRICAL SPECIFICATIONS
MIL
STYLE
VISHAY
DALE
MODEL
MAXIMUM
WORKING
VOLTAGE
VISHAY DALE® MILITARY APPROVED VALUE RANGE (
Ω)
DIELECTRIC
STRENGTH
VAC
MIL-R-10509
CHARACTERISTIC D
CHARACTERISTIC C
CHARACTERISTIC E
MIL-PRF-22684
RN50
CMF50
200
-
10R - 100K
10R - 100K
-
450
RN55
CMF55
200
10R - 301K
49R9 - 100K
49R9 - 100K
-
450
RN60
CMF60
300
10R - 1M
49R9 - 499K
49R9 - 499K
-
500
RN65
CMF65
350
10R - 2M
49R9 - 1M
49R9 - 1M
-
900
RN70
CMF70
500
10R - 2.49M
24R9 - 1M
24R9 - 1M
-
900
RL07
CMF07
250
--
-
51R - 150K
450
RL20
CMF20
350
--
-
4R3 - 470K
700
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CONDITION
Voltage Coefficient
ppm/V
5 when measured between 10 % and full rated voltage
Insulation Resistance
Ω≥ 1010 minimum dry; ≥ 108 minimum after moisture test
Operating Temperature Range
°C
- 65/+ 175 (see derating curves for military range)
Terminal Strength
Ib
5 pound pull test for RL07/RL20; 2 pound pull test for all others
Solderability
Continuous satisfactory coverage when tested in accordance
with MIL-R-10509 and MIL-PRF-22684


Similar Part No. - CMF07

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF07 BOURNS-CMF07 Datasheet
167Kb / 5P
Metal Film Resistors, Industrial, Precision
logo
Vishay Siliconix
CMF07 VISHAY-CMF07 Datasheet
154Kb / 5P
Metal Film Resistors, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-May-13
CMF07 VISHAY-CMF07 Datasheet
146Kb / 5P
Metal Film Resistors, Axial, Military, MIL-R-10509 Qualified, Precision, Type RN and MIL-PRF-22684 Qualified, Type RL
02-Feb-2022
CMF07 VISHAY-CMF07 Datasheet
109Kb / 5P
CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
07-May-2024
CMF071M0000BEEA VISHAY-CMF071M0000BEEA Datasheet
109Kb / 5P
CMF Industrial Metal Film Resistors, Axial, Industrial, Precision
07-May-2024
More results

Similar Description - CMF07

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
Metal Film Resistors
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
METAL FILM RESISTORS
logo
MERITEK ELECTRONICS COR...
MF25F1003FTR MERITEK-MF25F1003FTR Datasheet
169Kb / 1P
Metal Film Resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
Metal Film Resistors
logo
Vishay Siliconix
RLR05C1652FSB14 VISHAY-RLR05C1652FSB14 Datasheet
151Kb / 4P
Metal Film Resistors
19-Nov-12
logo
UNIOHM CORPORATION
MF-12 UNIOHM-MF-12 Datasheet
4Mb / 3P
Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
Metal film resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com