Electronic Components Datasheet Search
  English  ▼

X  

HS93 Datasheet(PDF) 3 Page - Bi technologies

Part # HS93
Description  T1/CEPT/ISDN-Pri Telecom Products
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HS93 Datasheet(HTML) 3 Page - Bi technologies

  HS93 Datasheet HTML 1Page - Bi technologies HS93 Datasheet HTML 2Page - Bi technologies HS93 Datasheet HTML 3Page - Bi technologies HS93 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2007/08 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice
www.bitechnologies.com
127
• Meets the required 1500 Vrms line isolation
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

T3/DS3/E3/STS-1 Telecom Products
RoHS
Compliant
for
‘LF’ Models
Specifications
Turns Ratio4 (±5%)
OCL
Packaging (mm)
Hi-Pot
BI P/N1
RoHS2
Transformer
Primary : Secondary
(µH Min.)
Style
Pitch
Length
Width Height
(Vrms)
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HT00-02107TR or HT00-02107LFTR (for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HS00-02601LF or HS00-02601LFTR (for Tape & Reel)
(3) Contact BI Technologies for RoHS compliant part availability.
(4) CT is Center Tap & CS is Split Center Tap
HS00-00585
LF
Single
1:1
40
6-pin DIL
100 mil
12.70
8.90
6.35
3000
HS00-00588
LF
Single
1:2CT
19
6-pin SMT 100 mil
7.62
10.62
6.35
1500
HS00-00710
LF
Single
1:1
100
6-pin SMT 100 mil
7.62
9.91
6.35
1500
HT00-02107
LF
Single
1CT:1CT
40
6-pin SMT 100 mil
7.62
9.91
6.35
1500
HS00-02601
LF
Single
1:1
600
6-pin SMT 100 mil
7.62
9.91
6.35
1500
• Meets standard dielectric withstanding voltage requirements
• Standard Operating Temperature Range
0°C to +70°C
• Extended Operating Temperature Range
-40°C to +85°C
• RoHS Peak Solder Rating 260°C
• Non-RoHS Peak Solder Rating 235°C

Electrical / Environmental
VDSL Telecom Products
Specifications
Turns Ratio
Packaging (mm)
Hi-Pot
BI P/N
RoHS1
Chip: Line (±3%)
Style
Pitch
Length
Width
Height
(Vrms)
Notes:
(1) For Tape & Reel Packaging, add a “TR” suffix to the end of the Part Number when ordering, e.g. HT82-05099TR or HT82-05099LFTR
(for RoHS Compliant)
(2) Add a “LF” suffix to the Part Number for RoHS compliant parts, e.g. HT82-005087LF
(3) Tube Packaging only
HT82-050873
LF
1:1CT
6-pin TH
2.54
12.7
8.89
6.35
3000
HT82-05099
LF
1:1CT
6-pin SMT
2.54
7.61
9.91
6.35
3000
RoHS
Compliant
for
‘LF’ Models



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com