Electronic Components Datasheet Search
  English  ▼

X  

HT8199628S Datasheet(PDF) 4 Page - Bi technologies

Part # HT8199628S
Description  HDSL, HDSL2 Coupling Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT8199628S Datasheet(HTML) 4 Page - Bi technologies

  HT8199628S Datasheet HTML 1Page - Bi technologies HT8199628S Datasheet HTML 2Page - Bi technologies HT8199628S Datasheet HTML 3Page - Bi technologies HT8199628S Datasheet HTML 4Page - Bi technologies HT8199628S Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6-152
Model HT81 Series
.500
12.7
Max.
.950
24.13
Max.
.18
4.57
Nom.
1.050
26.67
Max.
.15
3.81
Typ.
.800
20.32
Nom.
.780
19.81
Max.
1
2
3
4
10
9
8
7
6
Bobbin Lead:
.042(1.07mm) x
.015 (.381mm)
Typ.
5
HT81-99628
.010
0.25
Unless otherwise specified tolerances are:
±
OUTLINE DIMENSIONS (Inch/mm)
.010
0.25
Unless otherwise specified tolerances are:
±
.020
0.51
(10 X)
.394
10.00
.535
13.59
.526
13.36
.185
4.70
Max.
Max.
Max.
.394
10.00
.098
2.50
.547
13.89
Max.
HT81-99722
Figure 1 – Through-Hole
Figure 2 – Through-Hole



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com