Electronic Components Datasheet Search
  English  ▼

X  

HT81-00552 Datasheet(PDF) 1 Page - Bi technologies

Part # HT81-00552
Description  HDSL, HDSL2 Coupling Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT81-00552 Datasheet(HTML) 1 Page - Bi technologies

  HT81-00552 Datasheet HTML 1Page - Bi technologies HT81-00552 Datasheet HTML 2Page - Bi technologies HT81-00552 Datasheet HTML 3Page - Bi technologies HT81-00552 Datasheet HTML 4Page - Bi technologies HT81-00552 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6
6-149
Model HT81 Series
NEW PRODUCT
MODEL HT81 SERIES
HDSL, HDSL2
Coupling Transformers
• Supports industry standard HDSL transceivers
• Excellent total harmonic distortion characteristics
• Meets standard dielectric withstanding voltage requirements
• Conforms to ANSI, ITU and ETSI standards
• Supports Level One and Conexant (Rockwell) chips
• Operating temperature range of -40°C to +85°C
• Can be customized to meet unique specifications
APPLICATIONS
• Designed for 784 Kb/s and 1168 Kb/s applications
• Designs available for multiple data rates
• HDSL coupling transformer
FEATURES AND BENEFITS
Specifications subject to change without notice.


Similar Part No. - HT81-00552

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT8100 HOLTEK-HT8100 Datasheet
230Kb / 19P
EasyVoice Speech
March 1, 2005
HT81003 HOLTEK-HT81003 Datasheet
136Kb / 11P
EasyVoiceTM 3-Second Speech
July 24, 2000
HT81003 HOLTEK-HT81003 Datasheet
230Kb / 19P
EasyVoice Speech
March 1, 2005
HT81003 HOLTEK-HT81003 Datasheet
206Kb / 19P
EasyVoiceTM Speech
November 21, 2006
HT81003 HOLTEK-HT81003 Datasheet
142Kb / 8P
EasyVoiceTM 3-Second Speech
January 22, 2002
More results

Similar Description - HT81-00552

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S560-6600-24 BEL-S560-6600-24 Datasheet
76Kb / 2P
HDSL Magnetics GlobeSpan MDSL/HDSL2
logo
EPCOS
B78421P1457A005 EPCOS-B78421P1457A005 Datasheet
58Kb / 2P
xDSL Transformers HDSL Interface
logo
TALEMA Group. LLC
HPT-100A TALEMA-HPT-100A Datasheet
26Kb / 1P
HDSL Transformers
logo
Datatronic Distribution...
HD565-1 DATATRONICS-HD565-1 Datasheet
89Kb / 1P
HDSL Line Transformers
PT31201 DATATRONICS-PT31201 Datasheet
107Kb / 2P
HDSL2 Transformers
logo
Bothhand USA, LP.
HD-8622 BOTHHAND-HD-8622 Datasheet
72Kb / 1P
HDSL TRANSFORMERS
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788 Datasheet
110Kb / 2P
HDSL Transformers
H28161-A COILCRAFT-H28161-A Datasheet
107Kb / 2P
HDSL2 Transformers
logo
Rhombus Industries Inc.
BT8921 RHOMBUS-IND-BT8921_99 Datasheet
45Kb / 1P
HDSL Line Interface Transformers
logo
Coilcraft lnc.
HD6788 COILCRAFT-HD6788_13 Datasheet
220Kb / 2P
HDSL Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com