Electronic Components Datasheet Search
  English  ▼

X  

TDA8002C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8002C
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002C Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8002C Datasheet HTML 1Page - NXP Semiconductors TDA8002C Datasheet HTML 2Page - NXP Semiconductors TDA8002C Datasheet HTML 3Page - NXP Semiconductors TDA8002C Datasheet HTML 4Page - NXP Semiconductors TDA8002C Datasheet HTML 5Page - NXP Semiconductors TDA8002C Datasheet HTML 6Page - NXP Semiconductors TDA8002C Datasheet HTML 7Page - NXP Semiconductors TDA8002C Datasheet HTML 8Page - NXP Semiconductors TDA8002C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
1999 Oct 12
2
Philips Semiconductors
Product specification
IC card interface
TDA8002C
FEATURES
• Single supply voltage interface (3.3 or 5 V environment)
• Low-power sleep mode
• Three specific protected half-duplex bidirectional
buffered I/O lines
• VCC regulation 5 V ±5% or 3 V ±5%, ICC <55mAfor
VDD = 3.0 to 6.5 V, with controlled rise and fall times
• Thermal and short-circuit protections with current
limitations
• Automatic ISO 7816 activation and deactivation
sequences
• Enhanced ESD protections on card side (>6 kV)
• Clock generation for the card up to 12 MHz with
synchronous frequency changes
• Clock generation up to 20 MHz (external clock)
• Synchronous and asynchronous cards (memory and
smart cards)
• ISO 7816, GSM11.11 compatibility and EMV
(Europay, MasterCard
® and Visa) compliant
• Step-up converter for VCC generation
• Supply supervisor for spikes elimination and emergency
deactivation
• Chip select input for easy use of several TDA8002Cs in
parallel.
APPLICATIONS
IC card readers for:
• GSM applications
• Banking
• Electronic payment
• Identification
• Pay TV
• Road tolling.
GENERAL DESCRIPTION
The TDA8002C is a complete low-power analog interface
for asynchronous and synchronous cards. It can be placed
between the card and the microcontroller. It performs all
supply, protection and control functions. It is directly
compatible with ISO 7816, GSM11.11 and EMV
specifications.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
MARKING
NAME
DESCRIPTION
VERSION
TDA8002CT/A/C1
TDA8002CT/A
SO28
plastic small outline package; 28 leads; body width
7.5 mm
SOT136-1
TDA8002CT/B/C1
TDA8002CT/B
TDA8002CT/C/C1
TDA8002CT/C
TDA8002CG/C1
TDA8002C
LQFP32
plastic low profile quad flat package; 32 leads;
body 5
× 5 × 1.4 mm
SOT401-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com