Electronic Components Datasheet Search
  English  ▼

X  

A5000 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # A5000
Description  EdgeLock Secure Authenticator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

A5000 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button A5000 Datasheet HTML 9Page - NXP Semiconductors A5000 Datasheet HTML 10Page - NXP Semiconductors A5000 Datasheet HTML 11Page - NXP Semiconductors A5000 Datasheet HTML 12Page - NXP Semiconductors A5000 Datasheet HTML 13Page - NXP Semiconductors A5000 Datasheet HTML 14Page - NXP Semiconductors A5000 Datasheet HTML 15Page - NXP Semiconductors A5000 Datasheet HTML 16Page - NXP Semiconductors A5000 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
NXP Semiconductors
A5000
EdgeLock Secure Authenticator
Symbol
Pin
Description
r.f.u
14
Connect to VSS
VOUT
15
Supply voltage output to be connected with pad VCC on PCB level, if Deep
Power-down mode is used. N. c. if not used.
r.f.u.
16
n.c. (recommended) or connect to VOUT
r.f.u.
17
Connect to VSS
VCC
18
Logic power supply voltage input, to be connected with pad VOUT on PCB
level, if Deep Power-down mode to be used
VSS
19
Ground
n.c.
20
Not connected
Table 10. Pin description HX2QFN20...continued
The center pad of the IC is not connected, although it is recommended to connect it to ground for thermal
reasons.
Reference voltage for for I2C SDA and SCL is VIN.
9 Package
A5000 is offered in HX2QFN20 package. The dimensions are 3 mm x 3 mm x 0,32 mm with a 0,4 mm pitch.
Please refer to the package data sheet [2], SOT1969-1.
10 Marking
Type number
Marking code
A5000
Line A: A50
Line B: **** (**** = 4-digit Batch code)
Line C: nDyww
D: RHF-2006 indicator
n: Assembly Center
Y: Year
WW: Week
Table 11. Marking codes
11 Packing information
11.1 Reel packing
The A5000 product is available in tape on reel.
Symbol
Parameter
Numbers of units per reel
HX2QFN20
7" tape on reel
3000
Table 12. Reel packing options
A5000
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.6 — 5 August 2024
Document feedback
667616
13 / 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com