Electronic Components Datasheet Search
  English  ▼

X  

TDA8003TS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8003TS
Description  I2C-bus SIM card interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8003TS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8003TS Datasheet HTML 6Page - NXP Semiconductors TDA8003TS Datasheet HTML 7Page - NXP Semiconductors TDA8003TS Datasheet HTML 8Page - NXP Semiconductors TDA8003TS Datasheet HTML 9Page - NXP Semiconductors TDA8003TS Datasheet HTML 10Page - NXP Semiconductors TDA8003TS Datasheet HTML 11Page - NXP Semiconductors TDA8003TS Datasheet HTML 12Page - NXP Semiconductors TDA8003TS Datasheet HTML 13Page - NXP Semiconductors TDA8003TS Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
2000 Apr 20
10
Philips Semiconductors
Product specification
I2C-bus SIM card interface
TDA8003TS
Clock circuit
The clock to the card is either derived from pin SIMCLK
(2 to 20 MHz) or from the internal oscillator.
During a card session, fCLK may be chosen to be
1
⁄2fSIMCLK or 1⁄4fSIMCLK depending on bit DT/DFN.
For the card Sleep mode, CLK may be chosen stop LOW,
stop HIGH or 1
⁄2fosc (1.25 MHz) with bits CLKPD1 and
CLKPD2. This predefined value will be applied to CLK
when bit PDOWN is set to logic 1.
The first CLK pulse has the correct width, and all frequency
changes are synchronous, ensuring that no pulse is
smaller than 45% of the shortest period.
The duty cycle is within 45 and 55% in stable state, the rise
and fall times are less than 8% of the period and
precaution has been taken so that there is no overshoot or
undershoot.
Activation sequence
Figure 4 shows the activation sequence. When the card is
inactive, VCC, CLK, RST and I/O are LOW, with
low-impedance with respect to ground. The DC-to-DC
converter is stopped. SIMI/O is pulled HIGH at VDDI via the
20 k
Ω pull-up resistor. When all conditions are met (supply
voltage, card present, no hardware problems), the
microcontroller may initiate an activation sequence by
setting bit START to logic 1 (t0) via the I2C-bus:
1. The DC-to-DC converter is started (t1).
2. VCC starts rising from 0 to 3 or to 5 V according to
3 V/5 VN control bit with a controlled rise time of
0.17 V/
µs typically (t2).
3. I/O buffer is enabled in reception mode (t3).
4. CLK is sent to the card reader with RST = LOW, and
the count of 45000 (44745 for C2) CLK pulses is
started (t4 =tact).
5. If a start bit is detected on I/O, the clock counter is
stopped with RST = LOW. If not, RST = HIGH, and a
new count of 45000 (44745 for C2) CLK pulses is
started (t5).
If a start bit is detected on I/O and the clock counter is
stopped with RST = HIGH, the card session may continue.
If not, bit MUTE is set in the status register and SIMERR is
pulled LOW. The microcontroller may initiate a
deactivation sequence by setting bit START to logic 0.
If a start bit is detected during the 200 first CLK pulses of
each count slot, then it will not be taken into account. If a
start bit is detected during 200 and 352 CLK pulses of
each slot, then bit EARLY is set in the status register and
SIMERR is pulled LOW. The microcontroller may initiate a
deactivation sequence by setting bit START to logic 0.
The sequencer is clocked by 1
⁄64fosc which leads to a time
interval T of 25
µs typically. Thus t1 =0to 1⁄64T;
t2 =t1 + 3⁄2T; t3 =t1 + 7⁄2T; t4 =t1 + 4T and t5 depends on
the SIMCLK frequency.
Deactivation sequence
Figure 5 shows the deactivation sequence. When the
session is completed, the microcontroller sets bit START
to logic 0. The circuit will execute an automatic
deactivation sequence:
1. Card reset, RST falls to LOW (t10).
2. CLK is stopped (t11).
3. I/O falls to LOW (t12).
4. VCC falls to 0 V with typically 0.17 V/µs slew rate (t13).
The deactivation is completed when VCC reaches
0.4 V (tde).
5. The DC-to-DC converter is stopped and CLK, RST,
VCC and I/O become low-impedance with respect to
PGND (t14).
Where t10 < 1⁄64T; t11 =t10 + 1⁄2T; t12 =t10 +T;
t13 =t12 +5 µs and t14 =t10 + 4T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com