Electronic Components Datasheet Search
  English  ▼

X  

M145331JAP Datasheet(PDF) 1 Page - Bi technologies

Part # M145331JAP
Description  Thick Film Low Profile SIP Conformal Coated Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

M145331JAP Datasheet(HTML) 1 Page - Bi technologies

  M145331JAP Datasheet HTML 1Page - Bi technologies M145331JAP Datasheet HTML 2Page - Bi technologies M145331JAP Datasheet HTML 3Page - Bi technologies M145331JAP Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
4-49
Model M Series
ELECTRICAL
Standard Resistance Range, Ohms
22 to 1Meg
Standard Resistance Tolerance, at 25°C
±2% (G Tol.)
Optional: ±1% (F Tol.), ±5% (J Tol.)
Operating Temperature Range
-55°C to +125°C
Temperature Coefficient of Resistance
±200ppm/°C
Temperature Coefficient of Resistance Tracking
±50ppm/°C
Maximum Operating Voltage
100Vdc or
√PR
Insulation Resistance, Minimum
10,000 Megohms
Thermal Shock plus Power Conditioning
∆R 0.50%
Short Time Overload
∆R 0.25%
Terminal Strength
∆R 0.25%
Moisture Resistance
∆R 0.50%
Mechanical Shock
∆R 0.25%
Vibration Shock
∆R 0.25%
Low Temperature Storage
∆R 0.25%
High Temperature Exposure
∆R 0.50%
Load Life, 1,000 Hours
∆R 1.00%
Resistance to Solder Heat (Per MIL-STD-202, Method 210, Cond.B)
∆R 0.25%
Dielectric Withstanding Voltage
100V for 1 minute
Marking Permanency
per MIL-STD-202, Method 215
Lead Solderability
per MIL-STD-202, Method 208
Flammability
UL-94V-O Rated
Storage Temperature Range
-55°C to +150°C
MODEL M SERIES
Thick Film
Low Profile SIP
Conformal Coated
Resistor Networks
Specifications subject to change without notice.
ENVIRONMENTAL


Similar Part No. - M145331JAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M145026 STMICROELECTRONICS-M145026 Datasheet
587Kb / 13P
REMOTE CONTROL ENCODER/DECODER CIRCUIT
Oct-1993
M145026B1 STMICROELECTRONICS-M145026B1 Datasheet
587Kb / 13P
REMOTE CONTROL ENCODER/DECODER CIRCUIT
Oct-1993
M145026D STMICROELECTRONICS-M145026D Datasheet
587Kb / 13P
REMOTE CONTROL ENCODER/DECODER CIRCUIT
Oct-1993
M145027 STMICROELECTRONICS-M145027 Datasheet
587Kb / 13P
REMOTE CONTROL ENCODER/DECODER CIRCUIT
Oct-1993
M145027B1 STMICROELECTRONICS-M145027B1 Datasheet
587Kb / 13P
REMOTE CONTROL ENCODER/DECODER CIRCUIT
Oct-1993
More results

Similar Description - M145331JAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Bi technologies
BH85331F BITECH-BH85331F Datasheet
56Kb / 4P
High Profile SIP Thick Film Conformal Coated Resistor Networks
T81331J BITECH-T81331J Datasheet
55Kb / 4P
Thick Film Super Low Profile SIP Resistor Networks
logo
Bourns Electronic Solut...
4605X BOURNS-4605X Datasheet
123Kb / 2P
Thick Film Conformal SIP
4606X BOURNS-4606X_11 Datasheet
123Kb / 2P
Thick Film Conformal SIP
logo
Bi technologies
L101C331 BITECH-L101C331 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
L103C330 BITECH-L103C330 Datasheet
62Kb / 5P
Thick Film Low Profile SIP Conformal Coated Resistor Networks
logo
Vishay Siliconix
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com