Electronic Components Datasheet Search
  English  ▼

X  

HFS8 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS8
Description  I/O module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS8 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS8 Datasheet HTML 1Page - Hongfa Technology HFS8 Datasheet HTML 2Page - Hongfa Technology HFS8 Datasheet HTML 3Page - Hongfa Technology HFS8 Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
>RO^_\R]
*/.~}x 2|,x9
9; AY[_^ XZQ_WR
<; AY[_^ XZQ_WR
mml6xz 4RI>
npl6xz 4RI>
mn6{z 4RI>
np6{z 4RI>
+GINM OHEM:@> K:G@>
tl MH mon6xz
mrl MH nrq6xz
ujr MH ntjt6{z
2:MBG@ BGINM <NKK>GM
sFx
0HP>K ?K>JN>G<R K:G@>
ps MH ro*S
ii
ii
-NLM HI>K:M> OHEM:@>
tl6xz
mrl6xz
ujr6{z
-NLM K>E>:L> OHEM:@>
ol6xz
pl6xz
qjl6{z
{z LNIIER OHEM:@>e6==fp MH r6{z
-:Qj HNMINM <NKK>GM
pFxe:M q6{zf
/NMINM EH@B<
/I>K:M> PBMA G>@:MBO> MKN> EH@B<e:<MBO> EHPf
-:Qj MNKGiHG MBF>
nqFL
mlFL
-:Qj MNKGiH?? MBF>
olFL
mlFL
+GLNE:MBHG K>LBLM:G<>
mlll- e:M qll6{zf
{B>E><MKB< LMK>G@MA eBGINM MH HNMINMf
nqll6xzh ql*Skrl*ShmFBG
/I>K:MBG@ M>FI>K:MNK> K:G@>
iol MH tl
3MHK:@> M>FI>K:MNK> K:G@>
iol MH mll
z:L> <HEHK
9>EEHP
7ABM>
5GBM P>B@AM
xIIKHQj ojq@
+.054
LB=>
/54054
LB=>
qFx
e:M mpjp6{zf
mlFx
e:M ntjt6{zf
A0F XZQ_WR
mp
+.054
/54054
mj 3HE=>KBG@ FNLM ;> <HFIE>M>= PBMABG ml L><HG=L :M nrl
HK E>LL HK PBMABG q L><HG=L :M oql
HK E>LLj
nj 4H HNMINM FH=NE>hMA> 332 <:L> L>KO>L MH =BLLBI:M> A>:Mj +GLM:EE MA> K>E:RL LH MA:M MA>R :K> :=>JN:M>ER O>GMBE:M>=j +? IHHK
O>GMBE:MBHG BLNG:OHB=:;E>h K>=N<> MA> EH:= <NKK>GM ;R A:E?j
oj 7A>G NLBG@ MA> *}3teHNMINM FH=NE>f L>KB>L ?HK :G xz EH:= PBMA : I>:D OHEM:@> H? FHK> MA:G pql6h <HGG><M MA> EH:= M>KFBG:EL
H? MA> K>E:R MH :G BGKNLA :;LHK;>K eO:KBLMHKfj 4A> K><HFF>G=>= O:KBLMHK OHEM:@>h ppl MH psl6j
+3/ullmX+3/k43mrupu X+3/mpllmX/*3x3mtllm z|24+}+|{
nlls 2>Oj mjll
}BE> .Hjvz1zlollmllrqtn
A^RX
@>I7,B?;/7>-
AEGKJ DF<KC=
0AHMH BLHE:MBHG
+k/ FH=NE>L?HK BGM>K?:<> ;>MP>>G z05
:G= >QM>KG:E BGINM =>OB<>LHK EH:=Lj
nqll6 =B>E><MKB< LMK>G@MAj
0KBGM>= <BK<NBM ;H:K= FHNGM
2H*3 <HFIEB:GM
Z
Z
Z
Z
Z
GH=;9KJAFEI
IG=;A>A;9JAFEI e4xwnq f


Similar Part No. - HFS8

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFS830 SEMIHOW-HFS830 Datasheet
832Kb / 7P
500V N-Channel MOSFET
HFS840 SEMIHOW-HFS840 Datasheet
270Kb / 7P
Superior Avalanche Rugged Technology
HFS8N60S SEMIHOW-HFS8N60S Datasheet
661Kb / 7P
600V N-Channel MOSFET
HFS8N60U SEMIHOW-HFS8N60U Datasheet
313Kb / 8P
Superior Avalanche Rugged Technology
HFS8N65S SEMIHOW-HFS8N65S Datasheet
815Kb / 7P
650V N-Channel MOSFET
More results

Similar Description - HFS8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADAM-6060 ETC1-ADAM-6060 Datasheet
120Kb / 1P
Kompakte I/O-Module
logo
Advantech Co., Ltd.
MIO-6250 ADVANTECH-MIO-6250 Datasheet
153Kb / 1P
Module I/O Series
MIO-6254 ADVANTECH-MIO-6254 Datasheet
187Kb / 1P
Module I/O Series
MIO-6255 ADVANTECH-MIO-6255 Datasheet
136Kb / 1P
Module I/O Series
logo
List of Unclassifed Man...
ND-6050 ETC2-ND-6050 Datasheet
219Kb / 1P
Digital I/O Module
logo
D+H Mechatronic AG
ACN-IO501 DH-ACN-IO501 Datasheet
565Kb / 2P
I/O module
logo
Contec Co., Ltd
CPS-COM-1PC CONTEC-CPS-COM-1PC Datasheet
514Kb / 2P
Serial I/O Module
CPS-COM-1PD CONTEC-CPS-COM-1PD Datasheet
588Kb / 2P
Serial I/O Module
logo
M-System Co.,Ltd.
R7F4HML3-D-DAC32A MSYSTEM-R7F4HML3-D-DAC32A Datasheet
273Kb / 8P
Remote I/O R7F4H Series MECHATROLINK I/O MODULE
R7D MSYSTEM-R7D Datasheet
1Mb / 38P
Remote I/O R7 Series DeviceNet I/O MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com