Electronic Components Datasheet Search
  English  ▼

X  

BVSS138L Datasheet(PDF) 2 Page - ON Semiconductor

Part # BVSS138L
Description  MOSFET – Power, N-Channel, SOT-23 200 mA, 50 V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BVSS138L Datasheet(HTML) 2 Page - ON Semiconductor

  BVSS138L Datasheet HTML 1Page - ON Semiconductor BVSS138L Datasheet HTML 2Page - ON Semiconductor BVSS138L Datasheet HTML 3Page - ON Semiconductor BVSS138L Datasheet HTML 4Page - ON Semiconductor BVSS138L Datasheet HTML 5Page - ON Semiconductor BVSS138L Datasheet HTML 6Page - ON Semiconductor BVSS138L Datasheet HTML 7Page - ON Semiconductor BVSS138L Datasheet HTML 8Page - ON Semiconductor BVSS138L Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2016
April, 2024 − Rev. 14
1
Publication Order Number:
BSS138LT1/D
MOSFET – Power,
N-Channel, SOT-23
200 mA, 50 V
BSS138L, BVSS138L
Typical applications are DC−DC converters, power management in
portable and battery−powered products such as computers, printers,
PCMCIA cards, cellular and cordless telephones.
Features
• Low Threshold Voltage (VGS(th): 0.85 V−1.5 V) Makes it Ideal for
Low Voltage Applications
• Miniature SOT−23 Surface Mount Package Saves Board Space
• HBM Class 0A, MM Class M1A, CDM Class IV (Note 3)
• BVSS Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
50
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current
− Continuous @ TA = 25°C
− Pulsed Drain Current (tp ≤ 10 ms)
ID
IDM
200
800
mA
Total Power Dissipation @ TA = 25°C
PD
225
mW
Operating and Storage Temperature
Range
TJ, Tstg
− 55 to 150
°C
Thermal Resistance,
Junction−to−Ambient
RqJA
556
°C/W
Maximum Lead Temperature for
Soldering Purposes, for 10 seconds
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
3
1
2
Device
Package
Shipping†
ORDERING INFORMATION
N−Channel
SOT−23
CASE 318
STYLE 21
J1 MG
G
MARKING
DIAGRAM
2
1
3
200 mA, 50 V
RDS(on) = 3.5 W
BSS138LT1G,
BVSS138LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
BSS138LT7G
SOT−23
(Pb−Free)
3,500 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
J1
= Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
BSS138LT3G,
BVSS138LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
(Note: Microdot may be in either location)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com