Electronic Components Datasheet Search
  English  ▼

X  

TDA8006 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8006
Description  Multiprotocol IC Card coupler
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8006 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8006 Datasheet HTML 22Page - NXP Semiconductors TDA8006 Datasheet HTML 23Page - NXP Semiconductors TDA8006 Datasheet HTML 24Page - NXP Semiconductors TDA8006 Datasheet HTML 25Page - NXP Semiconductors TDA8006 Datasheet HTML 26Page - NXP Semiconductors TDA8006 Datasheet HTML 27Page - NXP Semiconductors TDA8006 Datasheet HTML 28Page - NXP Semiconductors TDA8006 Datasheet HTML 29Page - NXP Semiconductors TDA8006 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
2000 Feb 21
26
Philips Semiconductors
Product specification
Multiprotocol IC Card coupler
TDA8006
handbook, full pagewidth
MGR238
OFF
CMDVCC
RST
I/O
VCC
CLK
Fig.14 Emergency deactivation sequence after VCC short circuited to ground.
Auxiliary contacts C4 and C8
The auxiliary contacts C4 and C8 are controlled by ports
P34 and P35 through two identical pseudo-bidirectional
I/O lines.
In the Idle state, port P34 is pulled HIGH to VDD by an
integrated 20 k
Ω resistor and C4 is pulled HIGH to VCC by
an integrated 10 k
Ω resistor. This allows operation with a
VCC value of 3 V and a VDD value of 5 V. The first side on
which a falling edge occurs becomes the master.
An anti-latch circuit disables the detection of a falling edge
on the other side, which becomes the slave.
After a delay of approximately 200 ns (td), the N transistor
on the slave side is turned on which transmits the ‘0’
present on the master side. When the master side goes
back to logic 1, the P transistor on the slave side is turned
on during td, and then both sides return to their idle states.
The maximum frequency on the I/O lines is 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com