Electronic Components Datasheet Search
  English  ▼

X  

AD632 Datasheet(PDF) 3 Page - Analog Devices

Part # AD632
Description  Internally Trimmed Precision IC Multiplier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD632 Datasheet(HTML) 3 Page - Analog Devices

  AD632 Datasheet HTML 1Page - Analog Devices AD632 Datasheet HTML 2Page - Analog Devices AD632 Datasheet HTML 3Page - Analog Devices AD632 Datasheet HTML 4Page - Analog Devices AD632 Datasheet HTML 5Page - Analog Devices AD632 Datasheet HTML 6Page - Analog Devices AD632 Datasheet HTML 7Page - Analog Devices AD632 Datasheet HTML 8Page - Analog Devices AD632 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
AD632
Rev. D | Page 3 of 12
SPECIFICATIONS
@ +25°C, VS = ±15 V, R ≥ 2 kΩ, unless otherwise noted. Specifications shown in boldface are tested on all production units at final
electrical test. Results from those tests are used to calculate outgoing quality levels.
Table 1.
AD632A
AD632B
AD632S
AD632T
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
MULTIPLIER PERFORMANCE
Transfer Function
2
2
1
2
1
Z
Y
Y
X
X
+
−
−
V
10
)
(
)
(
2
2
1
2
1
Z
Y
Y
X
X
+
−
−
V
10
)
(
)
(
2
2
1
2
1
Z
Y
Y
X
X
+
−
−
V
10
)
(
)
(
2
2
1
2
1
Z
Y
Y
X
X
+
−
−
V
10
)
(
)
(
Total Error1 (−10 V ≤ X, Y ≤ +10
V)
±1.0
±0.5
±1.0
±0.5
%
TA = Min to Max
±1.5
±1.0
±2.0
±1.0
%
Total Error vs. Temperature
±0.022
±0.015
±0.02
±0.01
%/°C
Scale Factor Error
(SF = 10,000 V Nominal)2
±0.25
±0.1
±0.25
±0.1
%
Temperature Coefficient of
Scaling Voltage
±0.02
±0.01
±0.2
±0.005
%/°C
Supply Rejection (±15 V ± 1 V)
±0.01
±0.01
±0.01
±0.01
%
Nonlinearity
X (X = 20 V p-p, Y = 10 V)
±0.4
±0.2
±0.3
±0.4
±0.2
±0.3
%
Y (Y = 20 V p-p, X = 10 V)
±0.2
±0.1
±0.1
±0.2
±0.1
±0.1
%
Feedthrough3
X (Y Nulled, X = 20 V p-p 50 Hz)
±0.3
±0.15
±0.3
±0.3
±0.15
±0.3
%
Y (X Nulled, Y = 20 V p-p 50 Hz)
±0.01
±0.01
±0.1
±0.01
±0.01
±0.1
%
Output Offset Voltage
±5
±30
±2
±15
±5
±30
±2
±15
mV
Output Offset Voltage Drift
200
100
500
300
µV/°C
DYNAMICS
Small Signal BW, (VOUT = 0.1 rms)
1
1
1
1
MHz
1% Amplitude Error
(CLOAD = 1000 pF)
50
50
50
50
kHz
Slew Rate (VOUT 20 p-p)
20
20
20
20
V/µs
Settling Time (to 1%, ΔVOUT = 20 V)
2
2
2
2
µs
NOISE
Noise Spectral Density
SF = 10 V
0.8
0.8
0.8
0.8
µV/√Hz
SF = 3 V4
0.4
0.4
0.4
0.4
µV/√Hz
Wideband Noise
A = 10 Hz to 5 MHz
1.0
1.0
1.0
1.0
mV/rms
P = 10 Hz to 10 kHz
90
90
90
90
µV/rms
OUTPUT
Output Voltage Swing
±11
±11
±11
±11
V
Output Impedance (f ≤ 1 kHz)
0.1
0.1
0.1
0.1
Ω
Output Short-Circuit Current
(RL = 0, TA = Min to Max)
30
30
30
30
mA
Amplifier Open-Loop Gain
(f = 50 Hz)
70
70
70
70
dB
INPUT AMPLIFIERS (X, Y, and Z)5
Signal Voltage Range
(Differential or Common-
Mode Operating Diff.)
±10
±12
±10
±12
±10
±12
±10
±12
V
Offset Voltage X, Y
±5
±20
±2
±10
±5
±20
±2
±10
mV
Offset Voltage Drift X, Y
100
50
100
150
µV/°C
Offset Voltage Z
±5
±30
±2
±15
±5
±30
±2
±15
mV
Offset Voltage Drift Z
200
100
500
300
µV/°C
CMRR
60
80
70
90
60
80
70
90
dM
Bias Current
0.8
2.0
0.8
2.0
0.8
2.0
0.8
2.0
µA
Offset Current
0.1
0.1
0.1
0.1
µA
Differential Resistance
10
10
10
10
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com