Electronic Components Datasheet Search
  English  ▼

X  

AD636 Datasheet(PDF) 3 Page - Analog Devices

Part # AD636
Description  Low Level, True RMS-to-DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD636 Datasheet(HTML) 3 Page - Analog Devices

  AD636 Datasheet HTML 1Page - Analog Devices AD636 Datasheet HTML 2Page - Analog Devices AD636 Datasheet HTML 3Page - Analog Devices AD636 Datasheet HTML 4Page - Analog Devices AD636 Datasheet HTML 5Page - Analog Devices AD636 Datasheet HTML 6Page - Analog Devices AD636 Datasheet HTML 7Page - Analog Devices AD636 Datasheet HTML 8Page - Analog Devices AD636 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD636
Rev. E | Page 3 of 16
SPECIFICATIONS
@ 25°C, +VS = +3 V, and −VS = –5 V, unless otherwise noted.1
Table 1.
Model
AD636J
AD636K
Unit
Min
Typ
Max
Min
Typ
Max
TRANSFER FUNCTION
( )2
IN
OUT
V
avg
V
×
=
( )2
IN
OUT
V
avg
V
×
=
CONVERSION ACCURACY
Total Error, Internal Trim2, 3
±0.5 ± 1.0
±0.2 ± 0.5
mV ± % of
reading
vs. Temperature, 0°C to +70°C
±0.1 ± 0.01
±0.1 ± 0.005
mV ± % of
reading/°C
vs. Supply Voltage
±0.1 ± 0.01
±0.1 ± 0.01
mV ± % of
reading/V
DC Reversal Error at 200 mV
±0.2
±0.1
% of reading
Total Error, External Trim2
±0.3 ± 0.3
± 0.1 ± 0.2
mV ± % of
reading
ERROR VS. CREST FACTOR4
Crest Factor 1 to 2
Specified Accuracy
Specified Accuracy
Crest Factor = 3
−0.2
−0.2
% of reading
Crest Factor = 6
−0.5
−0.5
% of reading
AVERAGING TIME CONSTANT
25
25
ms/μF of CAV
INPUT CHARACTERISTICS
Signal Range, All Supplies
Continuous RMS Level
0 to 200
0 to 200
mV rms
Peak Transient Inputs
+3 V, −5 V Supply
±2.8
±2.8
V p-p
±2.5 V Supply
±2.0
±2.0
V p-p
±5 V Supply
±5.0
±5.0
V p-p
Maximum Continuous
Nondestructive
Input Level (All Supply Voltages)
±12
±12
V p-p
Input Resistance
5.33
6.67
8
5.33
6.67
8
kΩ
Input Offset Voltage
±0.5
±0.2
mV
FREQUENCY RESPONSE3, 5
Bandwidth for 1% Additional
Error (0.09 dB)
VIN = 10 mV
14
14
kHz
VIN = 100 mV
90
90
kHz
VIN = 200 mV
130
130
kHz
±3 dB Bandwidth
VIN = 10 mV
100
100
kHz
VIN = 100 mV
900
900
kHz
VIN = 200 mV
1.5
1.5
MHz
OUTPUT CHARACTERISTICS3
Offset Voltage, VIN = COM
±0.5
±0.2
mV
vs. Temperature
±10
±10
μV/°C
vs. Supply
±0.1
±0.1
mV/V
Voltage Swing
+3 V, −5 V Supply
0.3
0 to 1.0
0.3
0 to 1.0
V
±5 V to ±16.5 V Supply
0.3
0 to 1.0
0.3
0 to 1.0
V
Output Impedance
8
10
12
8
10
12
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com