Electronic Components Datasheet Search
  English  ▼

X  

AD637JD Datasheet(PDF) 20 Page - Analog Devices

Part # AD637JD
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637JD Datasheet(HTML) 20 Page - Analog Devices

Back Button AD637JD Datasheet HTML 16Page - Analog Devices AD637JD Datasheet HTML 17Page - Analog Devices AD637JD Datasheet HTML 18Page - Analog Devices AD637JD Datasheet HTML 19Page - Analog Devices AD637JD Datasheet HTML 20Page - Analog Devices AD637JD Datasheet HTML 21Page - Analog Devices AD637JD Datasheet HTML 22Page - Analog Devices AD637JD Datasheet HTML 23Page - Analog Devices AD637JD Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD637
Data Sheet
BUFFER
AD637
SQUARER/DIVIDER
BIAS
SECTION
FILTER
1
2
3
4
5
6
7
14
13
12
11
10
9
ABSOLUTE
VALUE
100pF
VXIN
BUFFER
AD637
SQUARER/DIVIDER
FILTER
25kΩ
25kΩ
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ABSOLUTE
VALUE
100pF
VYIN
5pF
10kΩ
AD711K
EXPANDABLE
10kΩ
10kΩ
IC1
IC2
CAV
BUFF
OUT
COMMON
OUTPUT
OFFSET
BUFF IN
NIC
CS
DEN
INPUT
dB OUTPUT
NIC
4.7kΩ
+VS
COMMON
OUTPUT
OFFSET
BUFF IN
NIC
CS
DEN
INPUT
dB OUTPUT
4.7kΩ
+VS
BUFF
OUT
NIC
8
–VS
–VS
–VS
+VS
BIAS
SECTION
VX2 + VY2
VOUT =
–VS
+VS
20kΩ
+VS
+VS
25kΩ
25kΩ
NIC = NO INTERNAL CONNECTION
RMS
OUT
RMS
OUT
Figure 22. Vector Sum Configuration
Rev. L | Page 20 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com