Electronic Components Datasheet Search
  English  ▼

X  

AD835 Datasheet(PDF) 3 Page - Analog Devices

Part # AD835
Description  250 MHz, Voltage Output, 4-Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835 Datasheet(HTML) 3 Page - Analog Devices

  AD835 Datasheet HTML 1Page - Analog Devices AD835 Datasheet HTML 2Page - Analog Devices AD835 Datasheet HTML 3Page - Analog Devices AD835 Datasheet HTML 4Page - Analog Devices AD835 Datasheet HTML 5Page - Analog Devices AD835 Datasheet HTML 6Page - Analog Devices AD835 Datasheet HTML 7Page - Analog Devices AD835 Datasheet HTML 8Page - Analog Devices AD835 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
AD835
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 150 Ω, CL ≤ 5 pF, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
TRANSFER FUNCTION
(
)(
)
Z
U
Y
Y
X
X
W
+
−
−
=
2
1
2
1
INPUT CHARACTERISTICS (X, Y)
Differential Voltage Range
VCM = 0 V
±1
V
Differential Clipping Level
±1.21
±1.4
V
Low Frequency Nonlinearity
X = ±1 V, Y = 1 V
0.3
0.51
% FS
Y = ±1 V, X = 1 V
0.1
0.31
% FS
vs. Temperature
TMIN to TMAX2
X = ±1 V, Y = 1 V
0.7
% FS
Y = ±1 V, X = 1 V
0.5
% FS
Common-Mode Voltage Range
−2.5
+3
V
Offset Voltage
±3
±201
mV
vs. Temperature
TMIN to TMAX2
±25
mV
CMRR
f ≤ 100 kHz; ±1 V p-p
701
dB
Bias Current
10
201
µA
vs. Temperature
TMIN to TMAX2
27
µA
Offset Bias Current
2
µA
Differential Resistance
100
kΩ
Single-Sided Capacitance
2
pF
Feedthrough, X
X = ±1 V, Y = 0 V
−461
dB
Feedthrough, Y
Y = ±1 V, X = 0 V
−601
dB
DYNAMIC CHARACTERISTICS
−3 dB Small Signal Bandwidth
150
250
MHz
−0.1 dB Gain Flatness Frequency
15
MHz
Slew Rate
W = −2.5 V to +2.5 V
1000
V/µs
Differential Gain Error, X
f = 3.58 MHz
0.3
%
Differential Phase Error, X
f = 3.58 MHz
0.2
Degrees
Differential Gain Error, Y
f = 3.58 MHz
0.1
%
Differential Phase Error, Y
f = 3.58 MHz
0.1
Degrees
Harmonic Distortion
X or Y = 10 dBm, second and third harmonic
Fund = 10 MHz
−70
dB
Fund = 50 MHz
−40
dB
Settling Time, X or Y
To 0.1%, W = 2 V p-p
20
ns
SUMMING INPUT (Z)
Gain
From Z to W, f ≤ 10 MHz
0.990
0.995
−3 dB Small Signal Bandwidth
250
MHz
Differential Input Resistance
60
kΩ
Single-Sided Capacitance
2
pF
Maximum Gain
X, Y to W, Z shorted to W, f = 1 kHz
50
dB
Bias Current
50
µA
Rev. E | Page 3 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com