Electronic Components Datasheet Search
  English  ▼

X  

AD835ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD835ARZ
Description  250 MHz, Voltage Output, 4-Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD835ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD835ARZ Datasheet HTML 6Page - Analog Devices AD835ARZ Datasheet HTML 7Page - Analog Devices AD835ARZ Datasheet HTML 8Page - Analog Devices AD835ARZ Datasheet HTML 9Page - Analog Devices AD835ARZ Datasheet HTML 10Page - Analog Devices AD835ARZ Datasheet HTML 11Page - Analog Devices AD835ARZ Datasheet HTML 12Page - Analog Devices AD835ARZ Datasheet HTML 13Page - Analog Devices AD835ARZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
AD835
Data Sheet
SQUARING AND FREQUENCY DOUBLING
Amplitude domain squaring of an input signal, E, is achieved
simply by connecting the X and Y inputs in parallel to produce
an output of E2/U. The input can have either polarity, but the
output in this case is always positive. The output polarity can be
reversed by interchanging either the X or Y inputs.
When the input is a sine wave E sin ωt, a signal squarer behaves
as a frequency doubler because
(
)
(
)
ωt
U
E
U
ωt
E
2
cos
1
2
sin
2
2
−
=
(6)
While useful, Equation 6 shows a dc term at the output, which
varies strongly with the amplitude of the input, E.
Figure 24 shows a frequency doubler that overcomes this
limitation and provides a relatively constant output over a
moderately wide frequency range, determined by the time
constant R1C1. The voltage applied to the X and Y inputs is
exactly in quadrature at a frequency f = ½πC1R1, and their
amplitudes are equal. At higher frequencies, the X input becomes
smaller while the Y input increases in amplitude; the opposite
happens at lower frequencies. The result is a double frequency
output centered on ground whose amplitude of 1 V for a 1 V
input varies by only 0.5% over a frequency range of ±10%.
Because there is no squared dc component at the output, sudden
changes in the input amplitude do not cause a bounce in the dc level.
AD835
1
2
3
4
8
VOLTAGE
OUTPUT
R2
97.6
Ω
R1
R3
301
Ω
X2
VP
W
Y1
X1
Y2
+5V
C1
–5V
VN
Z
7
6
5
VG
Figure 24. Broadband Zero-Bounce Frequency Doubler
This circuit is based on the identity
θ
=
θ
θ
2
sin
2
1
sin
cos
(7)
At ωO = 1/C1R1, the X input leads the input signal by 45° (and is
attenuated by √2, while the Y input lags the input signal by 45°
and is also attenuated by √2. Because the X and Y inputs are 90°
out of phase, the response of the circuit is
(
)
(
)
(
)
t
U
E
t
E
t
E
U
W
ω
=
°
+
ω
°
−
ω
=
2
sin
2
45
sin
2
45
sin
2
1
2
(8)
which has no dc component, R2 and R3 are included to restore
the output to 1 V for an input amplitude of 1 V (the same gain
adjustment as previously mentioned). Because the voltage across
the capacitor (C1) decreases with frequency, while that across
the resistor (R1) increases, the amplitude of the output varies
only slightly with frequency. In fact, it is only 0.5% below its full
value (at its center frequency ωO = 1/C1R1) at 90% and 110% of
this frequency.
Rev. E | Page 12 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com