Electronic Components Datasheet Search
  English  ▼

X  

LTC1799 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC1799
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC1799 Datasheet(HTML) 2 Page - Analog Devices

  LTC1799 Datasheet HTML 1Page - Analog Devices LTC1799 Datasheet HTML 2Page - Analog Devices LTC1799 Datasheet HTML 3Page - Analog Devices LTC1799 Datasheet HTML 4Page - Analog Devices LTC1799 Datasheet HTML 5Page - Analog Devices LTC1799 Datasheet HTML 6Page - Analog Devices LTC1799 Datasheet HTML 7Page - Analog Devices LTC1799 Datasheet HTML 8Page - Analog Devices LTC1799 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6908-1/LTC6908-2
2
Rev C
For more information www.analog.com
Total Supply Voltage (V+ to GND)................................6V
Maximum Voltage on any Pin
(GND – 0.3V) ≤ VPIN ≤ (V+ + 0.3V)
Output Short Circuit Duration .......................... Indefinite
Operating Temperature Range (Note 2)
LTC6908CS6-1/LTC6908CS6-2............–40°C to 85°C
LTC6908IS6-1/LTC6908IS6-2..............–40°C to 85°C
LTC6908HS6-1/LTC6908HS6-2 ......... –40°C to 125°C
LTC6908CDCB-1/LTC6908CDCB-2 ......–40°C to 85°C
LTC6908IDCB-1/LTC6908IDCB-2.........–40°C to 85°C
(Note 1)
Specified Temperature Range (Note 3)
LTC6908CS6-1/LTC6908CS6-2................ 0°C to 70°C
LTC6908IS6-1/LTC6908IS6-2..............–40°C to 85°C
LTC6908HS6-1/LTC6908HS6-2 ......... –40°C to 125°C
LTC6908CDCB-1/LTC6908CDCB-2 .......... 0°C to 70°C
LTC6908IDCB-1/LTC6908IDCB-2.........–40°C to 85°C
Storage Temperature Range (S6)........... –65°C to 150°C
Storage Temperature Range (DCB) ........ –65°C to 125°C
Lead Temperature (Soldering, 10sec)....................300°C
ABSOLUTE MAXIMUM RATINGS
ORDER INFORMATION
PIN CONFIGURATION
TOP VIEW
DCB PACKAGE
6-LEAD (2mm × 3mm) PLASTIC DFN
TJMAX = 125°C, θJA = 64°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
4
5
7
6
3
2
1
V+ 1
GND 2
SET 3
6 OUT1
5 OUT2
4 MOD
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 230°C/W
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC6908CDCB-1#TRMPBF
LTC6908CDCB-1#TRPBF
LBXZ
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6908IDCB-1#TRMPBF
LTC6908IDCB-1#TRPBF
LBXZ
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6908CDCB-2#TRMPBF
LTC6908CDCB-2#TRPBF
LBYB
6-Lead (2mm × 3mm) Plastic DFN
0°C to 70°C
LTC6908IDCB-2#TRMPBF
LTC6908IDCB-2#TRPBF
LBYB
6-Lead (2mm × 3mm) Plastic DFN
–40°C to 85°C
LTC6908CS6-1#TRMPBF
LTC6908CS6-1#TRPBF
LTBYC
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6908IS6-1#TRMPBF
LTC6908IS6-1#TRPBF
LTBYC
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6908HS6-1#TRMPBF
LTC6908HS6-1#TRPBF
LTBYC
6-Lead Plastic TSOT-23
–40°C to 125°C
LTC6908CS6-2#TRMPBF
LTC6908CS6-2#TRPBF
LTBYD
6-Lead Plastic TSOT-23
0°C to 70°C
LTC6908IS6-2#TRMPBF
LTC6908IS6-2#TRPBF
LTBYD
6-Lead Plastic TSOT-23
–40°C to 85°C
LTC6908HS6-2#TRMPBF
LTC6908HS6-2#TRPBF
LTBYD
6-Lead Plastic TSOT-23
–40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com