Electronic Components Datasheet Search
  English  ▼

X  

LTC6902 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC6902
Description  Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6902 Datasheet(HTML) 5 Page - Analog Devices

  LTC6902 Datasheet HTML 1Page - Analog Devices LTC6902 Datasheet HTML 2Page - Analog Devices LTC6902 Datasheet HTML 3Page - Analog Devices LTC6902 Datasheet HTML 4Page - Analog Devices LTC6902 Datasheet HTML 5Page - Analog Devices LTC6902 Datasheet HTML 6Page - Analog Devices LTC6902 Datasheet HTML 7Page - Analog Devices LTC6902 Datasheet HTML 8Page - Analog Devices LTC6902 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6908-1/LTC6908-2
5
Rev C
For more information www.analog.com
690812 G10
150kHz
FREQUENCY (7.5kHz/DIV)
SSFM DISABLED
RES BW = 220Hz
SSFM ENABLED
(N = 16)
20dBm
–80dBm
690812 G11
5MHz
20dBm
–80dBm
FREQUENCY (250kHz/DIV)
SSFM DISABLED
RES BW = 9kHz
SSFM ENABLED
(N = 16)
690812 G09
40ns/DIV
SUPPLY VOLTAGE (V)
2.5
4.5
5.5
690812 G07
3.0
3.5
4.0
5.0
0
50
100
150
200
400
450
500
250
300
350
6.0
OUTPUT SINKING CURRENT
OUTPUT SOURCING CURRENT
TA = 25°C
TEMPERATURE (°C)
–40
20
60
690812 G06
–20
0
40
800
400
450
500
550
600
650
700
750
80
V+ = 5V
V+ = 3V
CL 5pF ON BOTH OUTPUTS
FREQUENCY = 1MHz
SSFM DISABLED
FREQUENCY (Hz)
10k
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
100k
1M
10M
690812 G04
5V
3V
FREQUENCY (Hz)
10k
2.0
1.5
1.0
0.5
0
100k
1M
10M
690812 G05
5V SSFM DISABLED
3V SSFM DISABLED
5V SSFM ENABLED
3V SSFM ENABLED
Peak to Peak Jitter vs Output
Frequency
Supply Current vs Output
Frequency
Supply Current vs Temperature
Output Resistance vs Supply
Voltage
Output Operating at 5MHz,
V+ = 3V
Output Operating at 10MHz,
V+ = 5V
Output Frequency Spectrum with
SSFM Enabled and Disabled
Output Frequency Spectrum with
SSFM Enabled and Disabled
690812 G08
80ns/DIV
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com